Electronic Components Datasheet Search
  English  ▼

X  

PAM2309 Datasheet(PDF) 7 Page - Power Analog Micoelectronics

Part # PAM2309
Description  1A Step-Down DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2309 Datasheet(HTML) 7 Page - Power Analog Micoelectronics

Back Button PAM2309 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2309 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2309 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2309 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2309 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2309 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2309 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2309 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2309 Datasheet HTML 11Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
PAM2309
1A Step-Down DC-DC Converter
7
,
Power Analog Microelectronics Inc
www.poweranalog.com
Typical Performance Characteristics
°C
T =25
, C =10 F, C =10 F, L=4.7 H, unless otherwise noted.
AIN
O
μμ
μ
Reference Voltage VS Input Voltage
Reference Voltage VS Temperature
Reference Voltage VS Load Current
1.175
1.180
1.185
1.190
1.195
1.200
1.205
1.210
1.215
0
200
400
600
800
Load Current(mA)
Output Voltage VS Load Current
Vo=1.2V
Vin=3.6V
Output Voltage VS Temperature
Output Voltage
Output Current
VS
1.189
1.191
1.193
1.195
1.197
1.199
1.201
1.203
1.205
10
110
210
310
410
510
610
710
810
Output Current(mA)
2.5V
3.6V
4.2V
5V
Vo=1.2V
1.188
1.189
1.19
1.191
1.192
1.193
1.194
20
70
120
Temperature(
℃)
Vo=1.2V
Vin=3.6V
Io=100mA
0.484
0.486
0.488
0.490
0.492
0.494
0.496
0.498
0.500
0.502
23
45
6
Input Voltage
I=100mA
I=600mA
I=800mA
0.490
0.495
0.500
0.505
0.510
0.515
0.520
0
50
100
150
Temperature(
℃)
0.480
0.484
0.488
0.492
0.496
0.500
0.504
0
200
400
600
800
1000
Reference Voltage(V)
Vin=2.7V
Vin=3.6V
Vin=4.2V
08/2009 Rev 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com