Electronic Components Datasheet Search
  English  ▼

X  

PAM2309 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM2309
Description  1A Step-Down DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2309 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM2309 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2309 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2309 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2309 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2309 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2309 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2309 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2309 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2309 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Features
Applications
General Description
n
n
n
n
n
n
n
n
n
n
n
Efficiency up to 96%
Only 40 A(TYP.) Quiescent Current
Output Current: Up to 1A
Internal Synchronous Rectifier
1.5MHz Switching Frequency
Soft Start
Under-Voltage Lockout
Short Circuit Protection
Thermal Shutdown
5-pin Small SOT23-5, DFN2x2 6-Pin and
QFN3x3 16-Pin Packages
Cellular Phone
Portable Electronics
Wireless Devices
Cordless Phone
Computer Peripherals
Battery Powered Widgets
Electronic Scales
Digital Frame
The PAM2309 is a step-down current-mode, DC-
DC converter. At heavy load, the constant-
frequency PWM control performs excellent
stability and transient response. To ensure the
longest battery life in portable applications, the
PAM2309 provides a power-saving Pulse-
Skipping Modulation (PSM) mode to reduce
quiescent current under light load operation to
save power.
The PAM2309 supports a range of input voltages
from 2.5V to 5.5V, allowing the use of a single
Li+/Li-polymer cell, multiple Alkaline/NiMH cell,
USB, and other standard power sources. The
output voltage is adjustable from 0.6V to the input
voltage. All versions employ internal power switch
and synchronous rectifierfor to minimize external
part count and realize high efficiency. During
shutdown, the input is disconnected from the
output and the shutdown current is less than
0.1 A. Other key features include under-voltage
lockout to prevent deep battery discharge.
The PAM2309 is available in SOT23-5, DFN2x2 6-
Pin and QFN3x3 16-Pin packages.
μ
μ
Pb-Free Package
n
n
n
n
n
n
n
n
Typical Application
1
www.poweranalog.com
PAM2309
1A Step-Down DC-DC Converter
,
Power Analog Microelectronics Inc
1
0.5 1
2
æö
=´ +
ç÷
èø
O
R
V
R
VIN
SW
GND
EN
VOUT/FB
L
Vo
Co
10μF
V
C
IN
IN
10μF
C
FW
R1
R2
08/2009 Rev 1.1


Similar Part No. - PAM2309

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2309 DIODES-PAM2309 Datasheet
572Kb / 17P
1A STEP-DOWN DC-DC CONVERTER
Rev 2
PAM2309AABADJR DIODES-PAM2309AABADJR Datasheet
572Kb / 17P
1A STEP-DOWN DC-DC CONVERTER
Rev 2
PAM2309BJEADJR DIODES-PAM2309BJEADJR Datasheet
572Kb / 17P
1A STEP-DOWN DC-DC CONVERTER
Rev 2
PAM2309CGFADJR DIODES-PAM2309CGFADJR Datasheet
572Kb / 17P
1A STEP-DOWN DC-DC CONVERTER
Rev 2
More results

Similar Description - PAM2309

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1150 ANALOGICTECH-AAT1150_06 Datasheet
662Kb / 17P
1MHz 1A Step-Down DC/DC Converter
logo
BCD Semiconductor Manuf...
AUR9713 BCDSEMI-AUR9713 Datasheet
768Kb / 14P
1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
logo
Power Analog Micoelectr...
PAM2304 PAM-PAM2304 Datasheet
338Kb / 14P
3MHz, 1A Step-Down DC-DC Converter
PAM2305D PAM-PAM2305D Datasheet
389Kb / 14P
1A Step-Down DC-DC Converter
PAM2312 PAM-PAM2312 Datasheet
411Kb / 14P
1A Step-Down DC-DC Converter
logo
Diodes Incorporated
PAM2304 DIODES-PAM2304 Datasheet
449Kb / 12P
3MHz, 1A STEP-DOWN DC-DC CONVERTER
Rev 2
PAM2305 DIODES-PAM2305 Datasheet
568Kb / 17P
1A STEP-DOWN DC-DC CONVERTER
Rev 2
PAM2305D DIODES-PAM2305D Datasheet
394Kb / 15P
1A STEP-DOWN DC-DC CONVERTER
Rev 3
PAM2309 DIODES-PAM2309 Datasheet
572Kb / 17P
1A STEP-DOWN DC-DC CONVERTER
Rev 2
PAM2312 DIODES-PAM2312 Datasheet
657Kb / 14P
1A STEP-DOWN DC-DC CONVERTER
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com