Electronic Components Datasheet Search
  English  ▼

X  

PAM2309 Datasheet(PDF) 16 Page - Power Analog Micoelectronics

Part # PAM2309
Description  1A Step-Down DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2309 Datasheet(HTML) 16 Page - Power Analog Micoelectronics

Back Button PAM2309 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2309 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2309 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2309 Datasheet HTML 11Page - Power Analog Micoelectronics PAM2309 Datasheet HTML 12Page - Power Analog Micoelectronics PAM2309 Datasheet HTML 13Page - Power Analog Micoelectronics PAM2309 Datasheet HTML 14Page - Power Analog Micoelectronics PAM2309 Datasheet HTML 15Page - Power Analog Micoelectronics PAM2309 Datasheet HTML 16Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
DIMENSIONS (Millieters)
MIN
TYP
MAX
A
0.70
0.75
0.80
A1
0.00
0.02
0.05
A2
0.20
b
0.18
0.25
0.30
D
2.90
3.00
3.10
D1
1.55
1.70
1.80
E
2.90
3.00
3.10
E1
1.55
1.70
1.80
e0.50BSC
L
0.30
0.40
0.50
N16
aaa
0.08
bbb
0.10
3x3mmQFN 16
Outline Dimensions
16
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM2309
1A Step-Down DC-DC Converter
08/2009 Rev 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com