Electronic Components Datasheet Search
  English  ▼

X  

BMP180 Datasheet(PDF) 4 Page - Texas Instruments

Part # BMP180
Description  BOOSTXL-SENSHUB Sensor Hub BoosterPack
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BMP180 Datasheet(HTML) 4 Page - Texas Instruments

  BMP180 Datasheet HTML 1Page - Texas Instruments BMP180 Datasheet HTML 2Page - Texas Instruments BMP180 Datasheet HTML 3Page - Texas Instruments BMP180 Datasheet HTML 4Page - Texas Instruments BMP180 Datasheet HTML 5Page - Texas Instruments BMP180 Datasheet HTML 6Page - Texas Instruments BMP180 Datasheet HTML 7Page - Texas Instruments BMP180 Datasheet HTML 8Page - Texas Instruments BMP180 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Hardware Description
www.ti.com
2.1
Functional Description
This section provides a functional description of the Sensor Hub BoosterPack.
2.1.1
BoosterPack XL Connector
The BoosterPack XL connector attaches the BoosterPack to the Tiva TM4C LaunchPad. This
BoosterPack is specifically designed to match the pin function with the Tiva TM4C LaunchPad. Basic I
2C
and UART communication to the sensors and RF expansion connectors are also available when the
Sensor Hub is connected to either the C2000 or MSP430 LaunchPad.
Table 2 describes the BoosterPack XL interface connections and the respective uses on the Sensor Hub
BoosterPack. It also shows which pins remain available for additional expansion at the user's discretion.
Table 2. BoosterPack XL Interface Connections
(1)
Pin
Function
Pin
Function
Pin
Function
Pin
Function
J1.1
3.3 V IN
J2.1
Ground
J3.1
J4.1
J1.2
J2.2
Interrupt
J3.2
J4.2
J1.3
UART RX
J2.3
Interrupt
J3.3
J4.3
RF GPIO
J1.4
UART TX
J2.4
J3.4
J4.4
UART RTS
J1.5
J2.5
J3.5
USER LED
J4.5
UART CTS
J1.6
Interrupt
J2.6
Sensor I2C
J3.6
User Button
J4.6
RF Shutdown
J1.7
J2.7
Sensor I2C
J3.7
User Button
J4.7
RF Reset
J1.8
SSI TX
J2.8
SSI RX
J3.8
RF GPIO
J4.8
RF GPIO
J1.9
RF I2C
J2.9
SSI SS
J3.9
RF GPIO
J4.9
J1.10
RF I2C
J2.10
SSI CLK
J3.10
J4.10
(1)
Shaded cells indicate unused pins that are available for additional expansion.
2.1.2
TMP006 Temperature Sensor
The TMP006 provides both direct and indirect temperature measurements. It contains an on-chip
temperature sensor to directly measure ambient temperature conditions. It also allows contactless infrared
object temperature measurement.
2.1.3
InvenSense MPU9150 9-Axis Motion Sensor
The MPU9150 is a 3-axis accelerometer, 3-axis gyroscope, and 3-axis magnetometer in a single package.
This device is the primary motion sensor on the Sensor Hub. It is used by the demonstration software as
the raw motion inputs, which are fused by a direct cosine matrix into roll, pitch, and yaw measurements.
2.1.4
Intersil ISL29023 Ambient and Infrared Light Sensor
The ISL29023 provides sensor measurements of light conditions across both the ambient (human-visible)
spectrum and the infrared spectrum.
2.1.5
Sensirion SHT21 Humidity Sensor
The SHT21 provides relative humidity measurements.
2.1.6
Bosch BMP180 Barometric Pressure Sensor
The BMP180 measures barometric pressure conditions. It can be used to enhance the motion sensor by
determining relative changes in altitude.
2.1.7
Low-Power RF Expansion Connection
The RF expansion connection provides a wide array of options to the end application.
4
BOOSTXL-SENSHUB Sensor Hub BoosterPack
SPMU290 – April 2013
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com