Electronic Components Datasheet Search
  English  ▼

X  

BMP180 Datasheet(PDF) 7 Page - Texas Instruments

Part # BMP180
Description  BOOSTXL-SENSHUB Sensor Hub BoosterPack
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BMP180 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BMP180 Datasheet HTML 3Page - Texas Instruments BMP180 Datasheet HTML 4Page - Texas Instruments BMP180 Datasheet HTML 5Page - Texas Instruments BMP180 Datasheet HTML 6Page - Texas Instruments BMP180 Datasheet HTML 7Page - Texas Instruments BMP180 Datasheet HTML 8Page - Texas Instruments BMP180 Datasheet HTML 9Page - Texas Instruments BMP180 Datasheet HTML 10Page - Texas Instruments BMP180 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
www.ti.com
References, PCB Layout, and Bill of Materials
4.2
Bill of Materials (BOM)
Table 3 shows the bill of materials for the BOOSTXL-SENSHUB BoosterPack board.
Table 3. BOOSTXL-SENSHUB Bill of Materials
(1) (2) (3)
Item
Ref Des
Qty
Value
Description
Manufacturer
Manufacturer Part No
IC, digital, barometric pressure
1
U2
1
BMP180
Bosch
BMP180
sensor
C1-2, C8-9, C11,
Capacitor, ceramic, NPO or C0G or
2
8
100 nF
Murata
GRM21BR71E104KA01L
C13, C15-16
X5R, 10 V or higher, 0805(4)
Capacitor, ceramic, X7R, ±10%,
3
C4, C6
2
100 nF
Murata
GRM21BR71E104KA01L
10 V or higher, 0805(4)
Capacitor, ceramic, X7R, ±10%,
4
C5
1
10 nF
Murata
GRM216R71H103KA01D
10 V or higher, 0805(4)
Capacitor, ceramic, X7R, ±10%,
5
C3
1
2.2 nF
Kemet
C0805C222K5RACTU
50 V or higher, 0805(4)
C7, C10, C12,
Capacitor, tantalum, 10 V or higher,
6
4
1
μF
AVX Corp.
TAJA105M020RNJ
C14
Type A
Capacitor, tantalum, 10 V or higher,
7
C17
1
47
μF
Nichicon
F931A476MAA
Type A
—
Y1
0
32.768 kHz
Clock oscillator, 2.5 x 3.2 mm
Do not populate
Do not populate
Light emitting diode, 1.7 V forward
8
D1
1
Red
Stanley
BR1112H-TR
voltage or less, 0805
9
D2
1
Yellow
Light emitting diode, 0805
Knightbright
APT2012YC
Header, female, 10-pin, 100-mil
10
J1-4
4
PEC10SAAN
Sullins
PPTC101LFBN-RC
spacing, 0.100 inch x 10
TFM-110-02-
Header, SMT 10x2 pin, shrouded,
11
RF_PART1-2
2
Samtec
TFM-110-02-SM-D-A-K-TR
SM-D-A-K-TR
0.225 x 0.625 inch
IC, integrated digital light sensor with
12
U4
1
ISL29023
Intersil
ISL29023
interrupt
IC, nine-axis MEMS motion tracking
13
U3
1
MPU-9150
InvenSense
MPU-9150
device
Surface mount resistor, 1/10 W or
14
R1, R4, R9-10
4
10 k
Ω
Yageo
RC0805JR-0710KL
higher, 0805
Surface mount resistor, 1/10 W or
—
R2
0
10 k
Ω
Do not populate
Do not populate
higher, 0805
Surface mount resistor, 1/10 W or
15
R6
1
5.1
Ω
Yageo
RC0805JR-075R1L
higher, 0805
Surface mount resistor, 1/10 W or
16
R7
1
100
Ω
Yageo
RC0805JR-07100RL
higher, 0805
Surface mount resistor, 1/10 W or
17
R5, R8
2
0
Ω
Yageo
RC0805JR-070RL
higher, 0805
Surface mount resistor, 1/10 W or
18
R3
1
499 k
Ω
Yageo
RC0805FR-07499KL
higher, 0805
Surface mount resistor, 1/10 W or
19
R11-12
2
3.3 k
Ω
Yageo
RC0805JR-073K3L
higher, 0805
20
U5
1
SHT21
IC, humidity and temperature sensor
Sensirion AG
SHT21
Switch, 1P1T, PB momentary,
21
S1-2
2
7914G
Bourns
7914G
100 mA, SM, 0.19 x 0.18 inch
22
U1
1
TMP006AIYZFT
IC, infrared thermopile sensor
Texas Instruments
TMP006YZF
TPS75118Q
IC, low dropout voltage regulator,
23
U6
1
Texas Instruments
TPS75118QPWP
PWP
1.8 V, 1.5 A
(1)
These assemblies are ESD sensitive. ESD precautions shall be observed.
(2)
These assemblies must be clean and free from flux and all contaminants. Use of no clean flux is not acceptable.
(3)
These assemblies must comply with workmanship standards IPC-A-610 Class 2.
(4)
A dielectric with a higher thermal range and/or lower capacitance variation is also permitted (for example, X7R, X9R).
7
SPMU290 – April 2013
BOOSTXL-SENSHUB Sensor Hub BoosterPack
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com