Electronic Components Datasheet Search
  English  ▼

X  

BMP180 Datasheet(PDF) 8 Page - Texas Instruments

Part # BMP180
Description  BOOSTXL-SENSHUB Sensor Hub BoosterPack
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BMP180 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BMP180 Datasheet HTML 4Page - Texas Instruments BMP180 Datasheet HTML 5Page - Texas Instruments BMP180 Datasheet HTML 6Page - Texas Instruments BMP180 Datasheet HTML 7Page - Texas Instruments BMP180 Datasheet HTML 8Page - Texas Instruments BMP180 Datasheet HTML 9Page - Texas Instruments BMP180 Datasheet HTML 10Page - Texas Instruments BMP180 Datasheet HTML 11Page - Texas Instruments BMP180 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
1
2
2/20/2013
Sensor_Hub_Booster_Pack Rev A.sch
Aneesh Rai
1
Sensor Hub Booster Pack
A
AR
Texas Instruments
2/20/2013
Rev
Filename
Date
Engineer
D
C
Sheet
Drawn by
Number
B
C
2
1
4
3
B
A
1
2
3
4
of
D
Size
Title
B
A
Temperature Sensor
Pressure Sensor
9-Axis Motion Sensor
Humidity & Temp. Sensor
(Do Not
Populate)
Light Sensor
1 SDA
2 VSS
3 NC
4
NC
5
VDD
6
SCL
7
U5
SHT21
C9
100nF
1
CSB
2
VDD
3
VDDIO
4
SDO
5
SCK
6
SDA
7
U2
BMP180
C2
100nF
A1
DGND
B1
ADR1
C1
ADR0
A2
AGND
C2
DRDY
A3
V+
B3
SCL
C3
SDA
U1
TMP006
R1
10k
1
CLKIN
2
NC
3
VDD
4
NC
5
NC
6
RESV
13
VDD
14
NC
15
GND
16
NC
17
GND
18
GND
U3
MPU-9150
C5
10nF
C6
100nF
R2
10k
C4
100nF
C3
2.2nF
C1
100nF
1
VDD
2
GND
3
R-EXT
4
INT
5
SCL
6
SDA
7
U4
ISL29023
R4
10k
R3
499k
C8
100nF
+
C7
1uF
3.3V
I2C_SCL
I2C_SDA
3.3V
I2C_SCL
I2C_SDA
I2C_SDA
I2C_SCL
INT_TEMP
3.3V
3.3V
ANALOG_PWR
ANALOG_GND
3.3V
3.3V
I2C_SCL
I2C_SDA
INT_LT
3.3V
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com