Electronic Components Datasheet Search
  English  ▼

X  

794077-2 Datasheet(PDF) 13 Page - Tyco Electronics

Part # 794077-2
Description  AMP Soft Shell Pin and Socket Connectors
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

794077-2 Datasheet(HTML) 13 Page - Tyco Electronics

Back Button 794077-2 Datasheet HTML 9Page - Tyco Electronics 794077-2 Datasheet HTML 10Page - Tyco Electronics 794077-2 Datasheet HTML 11Page - Tyco Electronics 794077-2 Datasheet HTML 12Page - Tyco Electronics 794077-2 Datasheet HTML 13Page - Tyco Electronics 794077-2 Datasheet HTML 14Page - Tyco Electronics 794077-2 Datasheet HTML 15Page - Tyco Electronics 794077-2 Datasheet HTML 16Page - Tyco Electronics 794077-2 Datasheet HTML 17Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 134 page
background image
13
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
2.5 mm Signal Double Lock (2.5 SDL) Connectors
(Wire-to-Board and Wire-to-Wire) (Continued)
AMP
Soft Shell
Pin and Socket Connectors
No. of Pos.
AB
C
Natural
Red
Yellow
Green
Blue
Black
2
02.5
07.5
06.1
917686-1
917686-2
917686-4
917686-5
917686-6
917686-9
3
05.0
10.0
08.6
917687-1
917687-2
917687-4
——
917687-6
917687-9
4
07.5
12.5
11.1
917688-1
917688-2
917688-4
——
——
917688-9
5
10.0
15.0
13.6
917689-1
917689-2
——
——
917689-6
——
6
12.5
17.5
16.1
917690-1
917690-2
917690-4
——
917690-6
917690-9
7
15.0
20.0
18.6
917691-1
917691-2
917691-4
——
——
917691-9
8
17.5
22.5
21.1
917692-1
——
——
——
917692-6
——
9
20.0
25.0
23.6
917693-1
917693-2
917693-4
——
——
——
10
22.5
27.5
26.1
917694-1
——
917694-4
——
——
——
11
25.0
30.0
28.6
917695-1
——
——
——
——
——
12
27.5
32.5
31.1
917696-1
917696-2
——
——
——
——
13
30.0
35.0
33.6
917697-1
917697-2
——
——
——
——
Note: All part numbers are RoHS Compliant.
Plug Housings
(For Receptacle Contacts)
2 to 13 Positions
Material
UL94V-0, 6/6 Nylon, color (see chart)
Related Product Data
Receptacle Contact Part No.
917684-1 (26-22 AWG)
917683-1 (22-20 AWG)
Double Lock Plate—page 12
Mating Cap Housings—page 14
Mating Post Headers—pages 15-16
Plug Housing Part Number
Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com