Electronic Components Datasheet Search
  English  ▼

X  

794077-2 Datasheet(PDF) 39 Page - Tyco Electronics

Part # 794077-2
Description  AMP Soft Shell Pin and Socket Connectors
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

794077-2 Datasheet(HTML) 39 Page - Tyco Electronics

Back Button 794077-2 Datasheet HTML 35Page - Tyco Electronics 794077-2 Datasheet HTML 36Page - Tyco Electronics 794077-2 Datasheet HTML 37Page - Tyco Electronics 794077-2 Datasheet HTML 38Page - Tyco Electronics 794077-2 Datasheet HTML 39Page - Tyco Electronics 794077-2 Datasheet HTML 40Page - Tyco Electronics 794077-2 Datasheet HTML 41Page - Tyco Electronics 794077-2 Datasheet HTML 42Page - Tyco Electronics 794077-2 Datasheet HTML 43Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 134 page
background image
39
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
PageHead_12_HelvCdBd (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Micro MATE-N-LOK 3 mm Connector System (Continued)
Right-Angle Header
Assemblies (Continued)
Single Row, Through-Hole,
with Plastic Boardlock
Material and Finish
Housing — High Temperature Nylon,
Black
Flammability Rating — UL 94V-0
Contacts—Brass
Plating A—.000100 [0.00254] min. tin
over .000050 [0.00127] min. nickel
Plating B—.000015 [0.00038] gold in
mating area, .000100 [0.00254] min. tin
in solder area, with entire contact
underplated .000050 [0.00127] min.
nickel
Plating C—.000030 [0.00076] gold in
mating area, .000100 [0.00254] min. tin
in solder area, with entire contact
underplated .000050 [0.00127] min.
nickel
Related Product Data
Mateable Housings:
Single Row Receptacle Housing—
page 23
Number of
Dimensions
Header Part Numbers
Mates with
Circuits
ABC
Receptacle Housing
Plating A
Plating B
Plating C
Part Number
2
.399
——
2-1445055-2
2-1445089-2
2-1445098-2
1445022-2
10.14
3
.517
——
2-1445055-3
2-1445089-3
2-1445098-3
1445022-3
13.14
4
.635
.185
.354
2-1445055-4
2-1445089-4
2-1445098-4
1445022-4
16.14
4.70
9.00
5
.754
.303
.472
2-1445055-5
2-1445089-5
2-1445098-5
1445022-5
19.14
7.70
12.00
6
.871
.421
.591
2-1445055-6
2-1445089-6
2-1445098-6
1445022-6
22.14
10.70
15.00
7
.990
.539
.709
2-1445055-7
2-1445089-7
2-1445098-7
1445022-7
25.14
13.70
18.00
8
1.108
.657
.827
2-1445055-8
2-1445089-8
2-1445098-8
1445022-8
28.14
16.70
21.00
9
1.226
.775
.945
2-1445055-9
2-1445089-9
2-1445098-9
1445022-9
31.14
19.70
24.00
10
1.344
.894
1.063
3-1445055-0
3-1445089-0
3-1445098-0
1-1445022-0
34.14
22.70
27.00
11
1.462
1.012
1.181
3-1445055-1
3-1445089-1
3-1445098-1
1-1445022-1
37.14
25.70
30.00
12
1.580
1.300
1.299
3-1445055-2
3-1445089-2
3-1445098-2
1-1445022-2
40.14
28.70
33.00
*Recommended PC Board thickness .062 [1.57]. Always consult customer drawing for PC Board layout dimensions.
Note: All part numbers are RoHS Compliant.
A
.118
[3.00]
Ref.
.351
[8.92]
Ref.
.051
[1.30]
.002
[0.51]
.152
[3.86]
.310
[7.88]
Ref.
Circuit 1
Circuit 1
C
B
.085
[2.15]
.118
[3.00]
.118
[3.00]
.059
[1.50]
.236
[6.00]
.170
[4.32]
.170
[4.32]
.170
[4.32]
.118
[3.00]
Typ.
.118
[3.00]
Dia.
.118
[3.00]
Dia.
.040
[1.02]
Dia.Typ.
.040 Dia.
[1.02] 2 Plc.
.118 Dia.
[3.00] 2 Plc.
.040 Dia.
[1.02] 3 Plc.
Recommended PC Board Layout
4-12 Position*
Recommended
PC Board Layout
3 Position*
Recommended PC Board Layout
2 Position*
Circuit 1
Circuit 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com