Electronic Components Datasheet Search
  English  ▼

X  

794077-2 Datasheet(PDF) 21 Page - Tyco Electronics

Part # 794077-2
Description  AMP Soft Shell Pin and Socket Connectors
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

794077-2 Datasheet(HTML) 21 Page - Tyco Electronics

Back Button 794077-2 Datasheet HTML 17Page - Tyco Electronics 794077-2 Datasheet HTML 18Page - Tyco Electronics 794077-2 Datasheet HTML 19Page - Tyco Electronics 794077-2 Datasheet HTML 20Page - Tyco Electronics 794077-2 Datasheet HTML 21Page - Tyco Electronics 794077-2 Datasheet HTML 22Page - Tyco Electronics 794077-2 Datasheet HTML 23Page - Tyco Electronics 794077-2 Datasheet HTML 24Page - Tyco Electronics 794077-2 Datasheet HTML 25Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 134 page
background image
21
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Micro MATE-N-LOK 3 mm Connector System (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Connector Application —
Wire-to-PCB
Dual Row
Receptacle
Contact
Housing
Header
I
I
-794606-I
I
, I
I
-794607-I
I
,
I
I
-794610-I
I
, I
I
-794611-I
I
(Page 22}
I
I
-794617-I
I
(Page 24)
Vertical Through-Hole, with Retention Feature on
Soldertail and Optional Metal Through-Hole Hold-down
I
I
-794630-I
I
, I
I
-794631-I
I
, I
I
-794632-I
I
, (Page 34)
I
I
-794680-I
I
, I
I
-794681-I
I
, I
I
-794682-I
I
(Page 35)
Vertical Surface Mount, with Metal Through-Hole
Hold-down
I
I
-794633-I
I
, I
I
-794634-I
I
, I
I
-794635-I
I
(Page 36)
Vertical Surface Mount, with Surface Mount Hold-down
I
I
-794636-I
I
, I
I
-794637-I
I
, I
I
-794638-I
I
(Page 37)
Right-angle, Through-Hole, with Metal Through-Hole
Hold-down
I
I
-794677-I
I
, I
I
-794678-I
I
, I
I
-794679-I
I
(Page 43)
Right-angle, Through-Hole, with Plastic Boardlock
I
I
-794618-I
I
, I
I
-794619-I
I
, I
I
-794620-I
I
(Page 44)
Right-angle, Surface Mount, with Metal Through-Hole
Hold-down
I
I
-794624-I
I
, I
I
-794625-I
I
, I
I
-794626-I
I
(Page 45)
Right-angle, Surface Mount, with Plastic Boardlock
I
I
-794621-I
I
, I
I
-794622-I
I
, I
I
-794623-I
I
(Page 46)
Right-angle, Surface Mount, with Surface Mount
Hold-down
I
I
-794627-I
I
, I
I
-794628-I
I
, I
I
-794629-I
I
(Page 47)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com