Electronic Components Datasheet Search
  English  ▼

X  

ZB6YA113 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # ZB6YA113
Description  Harmony??XB6/ZB6 16 mm push buttons
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZB6YA113 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button ZB6YA113 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
12
Illuminated push buttons
Type of head
Full guard
Shape of head
rectangular (2)
Degree of protection
IP 65 / Nema 4, 4X, 12 / Class II
Mounting (mm)
panel cut-out
16.2 mm
+ 0.2
0
mounting centers
24 x 18 with rectangular head, 18 x 18 with square or circular head
Dimensions (mm)
W x H x D (below head)
24 x 18 x 50 with rectangular head, 18 x 18 x 50 with square or circular head
Connection (3)
Tags for 2.8 x 0.5 quick connectors or for soldering
Type of push: Spring return
Complete products
12 to 24 V AC/DC
Products for user assembly
References
white
N/O
XB6DW1B1B
ZB6Ep1B (1)
ZB6Z1B
ZB6DW1
N/C + N/O
XB6DW1B5B
ZB6Ep1B (1)
ZB6Z5B
ZB6DW1
green
N/O
XB6DW3B1B
ZB6Ep3B (1)
ZB6Z1B
ZB6DW3
N/C + N/O
XB6DW3B5B
ZB6Ep3B (1)
ZB6Z5B
ZB6DW3
red
N/C
XB6DW4B2B
ZB6Ep4B (1)
ZB6Z2B
ZB6DW4
N/C + N/O
XB6DW4B5B
ZB6Ep4B (1)
ZB6Z5B
ZB6DW4
yellow
N/O
–
ZB6Ep5B (1)
ZB6Z1B
ZB6DW5
N/C + N/O
XB6DW5B5B
ZB6Ep5B (1)
ZB6Z5B
ZB6DW5
Type of push: Maintained
References
white
N/O
–
ZB6Ep1B (1)
ZB6Z1B
ZB6DF1
N/C + N/O
XB6DF1B5B
ZB6Ep1B (1)
ZB6Z5B
ZB6DF1
green
N/O
XB6DF3B1B
ZB6Ep3B (1)
ZB6Z1B
ZB6DF3
N/C + N/O
XB6DF3B5B
ZB6Ep3B (1)
ZB6Z5B
ZB6DF3
red
N/C
XB6DF4B2B
ZB6Ep4B (1)
ZB6Z2B
ZB6DF4
N/C + N/O
XB6DF4B5B
ZB6Ep4B (1)
ZB6Z5B
ZB6DF4
yellow
N/O
–
ZB6Ep5B (1)
ZB6Z1B
ZB6DF5
N/C + N/O
–
ZB6Ep5B (1)
ZB6Z5B
ZB6DF5
Pilot lights
Type of head
Smooth lens cap
Shape of head
rectangular (2)
Complete products
12 to 24 V AC/DC
Products for user assembly
References
white
XB6DV1BB
ZB6Ep1B (1)
ZB6DV1
green
XB6DV3BB
ZB6Ep3B (1)
ZB6DV3
red
XB6DV4BB
ZB6Ep4B (1)
ZB6DV4
yellow
XB6DV5BB
ZB6Ep5B (1)
ZB6DV5
blue
–
ZB6Ep6B (1)
ZB6DV6
(1) Basic reference, to be completed by the letter
B, G or M indicating the required voltage. See Voltage Table below.
(2) For products with a square head, replace the letter
D in the reference by the letter C (XB6DW1B1B becomes XB6CW1B1B).
For products with a circular head, replace the letter
D in the reference by the letter A (XB6DW1B1B becomes XB6AW1B1B).
(3) Use ZB6Y010 Plug-in Socket Adapter for 1 x 0.5 pin printed circuit board connection.
Voltage Table
Voltage
Letter (p)
12 to 24 V AC/DC (15 mA)
B
48 to 120 V AC (25 mA)
G
230 to 240 V AC (25 mA)
M
Harmony™ XB6/ZB6
16 mm push buttons
Contact functions and light functions with
integral LED
Assembled products
=
+
=
+
+
Product range:
page 5
Specifications:
page 10
References:
page 15
Dimensions:
page 25
This document provided by Barr-Thorp Electric Co., Inc. 800-473-9123 www.barr-thorp.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com