Electronic Components Datasheet Search
  English  ▼

X  

ZB6YA113 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # ZB6YA113
Description  Harmony??XB6/ZB6 16 mm push buttons
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZB6YA113 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button ZB6YA113 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 16Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 19Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 20Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 21Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
18
Contact Blocks and Light Modules for Illuminated Push Buttons (1)
Description
Supply Voltage
Type of Contact
Color of Light
Source
Reference
N .O .
N .C .
Quick connectors/solder tabs
Integral LED (2)
12–24 Vac/Vdc
1
—
White
ZB6ZB11B
Green
ZB6ZB31B
Yellow
ZB6ZB51B
Blue
ZB6ZB61B
—
1
Red
ZB6ZB42B
Yellow
ZB6ZB52B
1
1
White
ZB6ZB15B
Green
ZB6ZB35B
Red
ZB6ZB45B
Yellow
ZB6ZB55B
Blue
ZB6ZB65B
120 Vac
1
—
White
ZB6ZG11B
Green
ZB6ZG31B
Yellow
ZB6ZG51B
Blue
ZB6ZG61B
—
1
Red
ZB6ZG42B
Yellow
ZB6ZG52B
1
1
White
ZB6ZG15B
Green
ZB6ZG35B
Red
ZB6ZG45B
Yellow
ZB6ZG55B
Blue
ZB6ZG65B
Direct for incandescent bulb
(not included) (4)
<
24 Vac/Vdc
1
—
—
ZB6ZH01B
—
1
—
ZB6ZH02B
1
1
—
ZB6ZH05B
Contact Blocks for Push Buttons and Selector Switches
Description
Type of Contact
Reference
N .O .
N .C .
Quick connectors/solder tabs
Contact blocks with mounting base
1
—
ZB6Z1B
—
1
ZB6Z2B
2
—
ZB6Z3B
—
2
ZB6Z4B
1
1
ZB6Z5B
Light Modules for Pilot Lights
Description
Supply Voltage Color of Light
Source
Reference
Quick connectors/solder tabs (6)
Integral LED (3)
12–24 Vac/Vdc White
ZB6EB1B
Green
ZB6EB3B
Red
ZB6EB4B
Yellow
ZB6EB5B
Blue
ZB6EB6B
120 Vac
White
ZB6EG1B
Green
ZB6EG3B
Red
ZB6EG4B
Yellow
ZB6EG5B
Blue
ZB6EG6B
With resistor for 95 V neon bulb (not included) (4) (5)
110 Vac
—
ZB6EG0B
230 Vac
—
ZB6EM0B
Direct supply for 0.6 W max. incandescent bulb (not included) (4) < 24 Vac/Vdc
—
ZB6EH0B
Separate Contact Blocks (Maximum of 3 contacts per mounting base .)
Contact Material
For use with mounting base
Type of Contact
Reference
N .O .
N .C .
Silver alloy
Quick connectors/solder tabs
1
—
ZB6E1B
—
1
ZB6E2B
Gold flashed
Quick connectors/solder tabs
1
—
ZB6E1E
—
1
ZB6E2E
(1) Illuminated selector switches can be assembled by using a contact block/light module assembly in conjunction with a selector switch head,
supplied without handle, and a transparent handle. See page 19.
(2) The LED must be the same color as the push button cap.
(3) The LED must be the same color as the lens.
(4) Order bulbs separately. See page 24.
(5) Neon bulb can only be used with a red, yellow, or white cap.
(6) Electrical components with connection by printed circuit board pins are available. See page 24.
ZB6ZB••B
ZB6ZH••B
ZB6Z•B
ZB6E••B
ZB6E•0B
ZB6E•B
Harmony™ XB6/ZB6
16 mm push buttons
Electrical components
References (continued)
Product range:
page 5
Specifications:
page 10
Assembled products:
page 12
Dimensions:
page 25
This document provided by Barr-Thorp Electric Co., Inc. 800-473-9123 www.barr-thorp.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com