Electronic Components Datasheet Search
  English  ▼

X  

ZB6YA113 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # ZB6YA113
Description  Harmony??XB6/ZB6 16 mm push buttons
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZB6YA113 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button ZB6YA113 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 16Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZB6YA113 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
15
Illuminated Push Buttons (12–24 Vac/Vdc LED included)
Complete Units with Quick Connectors/Solder Tabs
Type of Operator
Type of Contact
Color
Rectangular
Square
Round
N .O .
N .C .
Reference
Reference
Reference
Flush,
spring return
1
—
White
XB6DW1B1B
XB6CW1B1B
XB6AW1B1B
Green
XB6DW3B1B
XB6CW3B1B
XB6AW3B1B
Yellow
XB6DW5B1B
XB6CW5B1B
XB6AW5B1B
Blue
XB6DW6B1B
XB6CW6B1B
XB6AW6B1B
—
1
Red
XB6DW4B2B
XB6CW4B2B
XB6AW4B2B
1
1
White
XB6DW1B5B
XB6CW1B5B
XB6AW1B5B
Green
XB6DW3B5B
XB6CW3B5B
XB6AW3B5B
Red
XB6DW4B5B
XB6CW4B5B
XB6AW4B5B
Yellow
XB6DW5B5B
XB6CW5B5B
XB6AW5B5B
Blue
XB6DW6B5B
XB6CW6B5B
XB6AW6B5B
Flush, maintained
1
—
White
XB6DF1B1B
XB6CF1B1B
XB6AF1B1B
Green
XB6DF3B1B
XB6CF3B1B
XB6AF3B1B
Yellow
XB6DF5B1B
XB6CF5B1B
XB6AF5B1B
Blue
XB6DF6B1B
XB6CF6B1B
XB6AF6B1B
—
1
Red
XB6DF4B2B
XB6CF4B2B
XB6AF4B2B
1
1
White
XB6DF1B5B
XB6CF1B5B
XB6AF1B5B
Green
XB6DF3B5B
XB6CF3B5B
XB6AF3B5B
Red
XB6DF4B5B
XB6CF4B5B
XB6AF4B5B
Yellow
XB6DF5B5B
XB6CF5B5B
XB6AF5B5B
Blue
XB6DF6B5B
XB6CF6B5B
XB6AF6B5B
Extended,
spring return
1
—
White
XB6DE1B1B
XB6CE1B1B
XB6AE1B1B
Green
XB6DE3B1B
XB6CE3B1B
XB6AE3B1B
Yellow
XB6DE5B1B
XB6CE5B1B
XB6AE5B1B
Blue
XB6DE6B1B
XB6CE6B1B
XB6AE6B1B
—
1
Red
XB6DE4B2B
XB6CE4B2B
XB6AE4B2B
1
1
White
XB6DE1B5B
XB6CE1B5B
XB6AE1B5B
Green
XB6DE3B5B
XB6CE3B5B
XB6AE3B5B
Red
XB6DE4B5B
XB6CE4B5B
XB6AE4B5B
Yellow
XB6DE5B5B
XB6CE5B5B
XB6AE5B5B
Blue
XB6DE6B5B
XB6CE6B5B
XB6AE6B5B
Illuminated Push Buttons 120 Vac LED are available as Complete Units with Quick Connectors/Solder Tabs. Use 12–24 V table above.
Change Voltage Code (2nd B) to “G”. Example: XB6DW1B1B (White 24 V, 1 N.O.) becomes XB6DW1G1B.
For Legends, see pages 22 and 24.
XB6DW•••B
XB6CE•••B
XB6AF•••B
Harmony™ XB6/ZB6
16 mm push buttons
Complete units
References
Product range:
page 5
Specifications:
page 10
Assembled products:
page 12
Dimensions:
page 25
This document provided by Barr-Thorp Electric Co., Inc. 800-473-9123 www.barr-thorp.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com