Electronic Components Datasheet Search
  English  ▼

X  

PIC32MX330 Datasheet(PDF) 49 Page - Microchip Technology

Part # PIC32MX330
Description  32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM) with Audio/Graphics/Touch (HMI), USB, and Advanced Analog
PDF  344 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX330 Datasheet(HTML) 49 Page - Microchip Technology

Back Button PIC32MX330 Datasheet HTML 45Page - Microchip Technology PIC32MX330 Datasheet HTML 46Page - Microchip Technology PIC32MX330 Datasheet HTML 47Page - Microchip Technology PIC32MX330 Datasheet HTML 48Page - Microchip Technology PIC32MX330 Datasheet HTML 49Page - Microchip Technology PIC32MX330 Datasheet HTML 50Page - Microchip Technology PIC32MX330 Datasheet HTML 51Page - Microchip Technology PIC32MX330 Datasheet HTML 52Page - Microchip Technology PIC32MX330 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 344 page
background image
TABLE 4-7:
UART1 THROUGH UART5 REGISTER MAP
Bits
31/15
30/14
29/13
28/12
27/11
26/10
25/9
24/8
23/7
22/6
21/5
20/4
19/3
18/2
17/1
16/0
6000 U1MODE(1)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
ON
—SIDL
IREN
RTSMD
—
UEN<1:0>
WAKE
LPBACK
ABAUD
RXINV
BRGH
PDSEL<1:0>
STSEL
0000
6010
U1STA(1)
31:16
—
—
—
—
—
—
—
ADM_EN
ADDR<7:0>
0000
15:0
UTXISEL<1:0>
UTXINV
URXEN
UTXBRK
UTXEN
UTXBF
TRMT
URXISEL<1:0>
ADDEN
RIDLE
PERR
FERR
OERR
URXDA FFFF
6020 U1TXREG
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
TX8
Transmit Register
0000
6030 U1RXREG
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
RX8
Receive Register
0000
6040 U1BRG(1)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
Baud Rate Generator Prescaler
0000
6200 U2MODE(1)
31:16
15:0
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
ON
—SIDL
IREN
RTSMD
—
UEN<1:0>
WAKE
LPBACK
ABAUD
RXINV
BRGH
PDSEL<1:0>
STSEL
0000
6210
U2STA(1)
31:16
—
—
—
—
—
—
—
ADM_EN
ADDR<7:0>
0000
15:0
UTXISEL<1:0>
UTXINV
URXEN
UTXBRK
UTXEN
UTXBF
TRMT
URXISEL<1:0>
ADDEN
RIDLE
PERR
FERR
OERR
URXDA FFFF
6220 U2TXREG
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
TX8
Transmit Register
0000
6230 U2RXREG
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
RX8
Receive Register
0000
6240 U2BRG(1)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
Baud Rate Generator Prescaler
0000
6400 U3MODE(1)
31:16
15:0
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
ON
—SIDL
IREN
RTSMD
—
UEN<1:0>
WAKE
LPBACK
ABAUD
RXINV
BRGH
PDSEL<1:0>
STSEL
0000
6410
U3STA(1)
31:16
—
—
—
—
—
—
—
ADM_EN
ADDR<7:0>
0000
15:0
UTXISEL<1:0>
UTXINV
URXEN
UTXBRK
UTXEN
UTXBF
TRMT
URXISEL<1:0>
ADDEN
RIDLE
PERR
FERR
OERR
URXDA FFFF
6420 U3TXREG
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
TX8
Transmit Register
0000
6430 U3RXREG
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
RX8
Receive Register
0000
6440 U3BRG(1)
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
Baud Rate Generator Prescaler
0000
Legend:
x
= unknown value on Reset; — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
This register has corresponding CLR, SET and INV registers at its virtual address, plus an offset of 0x4, 0x8 and 0xC, respectively. See Section 12.2 “CLR, SET, and INV Registers” for more informa-
tion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com