Electronic Components Datasheet Search
  English  ▼

X  

PIC32MX330 Datasheet(PDF) 97 Page - Microchip Technology

Part # PIC32MX330
Description  32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM) with Audio/Graphics/Touch (HMI), USB, and Advanced Analog
PDF  344 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX330 Datasheet(HTML) 97 Page - Microchip Technology

Back Button PIC32MX330 Datasheet HTML 93Page - Microchip Technology PIC32MX330 Datasheet HTML 94Page - Microchip Technology PIC32MX330 Datasheet HTML 95Page - Microchip Technology PIC32MX330 Datasheet HTML 96Page - Microchip Technology PIC32MX330 Datasheet HTML 97Page - Microchip Technology PIC32MX330 Datasheet HTML 98Page - Microchip Technology PIC32MX330 Datasheet HTML 99Page - Microchip Technology PIC32MX330 Datasheet HTML 100Page - Microchip Technology PIC32MX330 Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 344 page
background image
 2012-2013 Microchip Technology Inc.
Preliminary
DS60001185B-page 97
PIC32MX330/350/370/430/450/470
6.0
RESETS
The Reset module combines all Reset sources and
controls the device Master Reset signal, SYSRST. The
following is a list of device Reset sources:
• POR: Power-on Reset
• MCLR: Master Clear Reset pin
• SWR: Software Reset
• WDTR: Watchdog Timer Reset
• BOR: Brown-out Reset
• CMR: Configuration Mismatch Reset
• HVDR: High Voltage Detect Reset
A simplified block diagram of the Reset module is
illustrated in Figure 6-1.
FIGURE 6-1:
SYSTEM RESET BLOCK DIAGRAM
Note 1:
This data sheet summarizes the features
of the PIC32MX330/350/370/430/450/
470 family of devices. It is not intended to
be a comprehensive reference source.
To complement the information in this
data sheet, refer to Section 7. “Resets”
(DS60001118) in the “PIC32 Family
Reference Manual”
, which is available
from
the
Microchip
web
site
(www.microchip.com/PIC32).
2:
Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization”
in
this data sheet for device-specific register
and bit information.
MCLR
VDD
VDD Rise
Detect
POR
Sleep or Idle
Brown-out
Reset
WDT
Time-out
Glitch Filter
BOR
Configuration
SYSRST
Software Reset
Power-up
Timer
Voltage
Enabled
Reset
WDTR
SWR
CMR
MCLR
Mismatch
Regulator
Brown-out
Reset
HVDR
VCAP
HVD Detect
and Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com