Electronic Components Datasheet Search
  English  ▼

X  

PIC32MX330 Datasheet(PDF) 91 Page - Microchip Technology

Part # PIC32MX330
Description  32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM) with Audio/Graphics/Touch (HMI), USB, and Advanced Analog
PDF  344 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX330 Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC32MX330 Datasheet HTML 87Page - Microchip Technology PIC32MX330 Datasheet HTML 88Page - Microchip Technology PIC32MX330 Datasheet HTML 89Page - Microchip Technology PIC32MX330 Datasheet HTML 90Page - Microchip Technology PIC32MX330 Datasheet HTML 91Page - Microchip Technology PIC32MX330 Datasheet HTML 92Page - Microchip Technology PIC32MX330 Datasheet HTML 93Page - Microchip Technology PIC32MX330 Datasheet HTML 94Page - Microchip Technology PIC32MX330 Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 344 page
background image
 2012-2013 Microchip Technology Inc.
Preliminary
DS60001185B-page 91
PIC32MX330/350/370/430/450/470
REGISTER 4-5:
BMXDRMSZ: DATA RAM SIZE REGISTER
Bit
Range
Bit
31/23/15/7
Bit
30/22/14/6
Bit
29/21/13/5
Bit
28/20/12/4
Bit
27/19/11/3
Bit
26/18/10/2
Bit
25/17/9/1
Bit
24/16/8/0
31:24
RR
R
R
R
R
R
R
BMXDRMSZ<31:24>
23:16
RR
R
R
R
R
R
R
BMXDRMSZ<23:16>
15:8
RR
R
R
R
R
R
R
BMXDRMSZ<15:8>
7:0
RR
R
R
R
R
R
R
BMXDRMSZ<7:0>
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 31-0
BMXDRMSZ<31:0>:
Data RAM Memory (DRM) Size bits
Static value that indicates the size of the Data RAM in bytes:
0x00004000 = device has 16 KB RAM
0x00008000 = device has 32 KB RAM
0x00010000 = device has 64 KB RAM
0x00020000 = device has 128 KB RAM
REGISTER 4-6:
BMXPUPBA: PROGRAM FLASH (PFM) USER PROGRAM BASE ADDRESS
REGISTER
Bit
Range
Bit
31/23/15/7
Bit
30/22/14/6
Bit
29/21/13/5
Bit
28/20/12/4
Bit
27/19/11/3
Bit
26/18/10/2
Bit
25/17/9/1
Bit
24/16/8/0
31:24
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
23:16
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
—
—
BMXPUPBA<19:16>
15:8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R-0
R-0
R-0
BMXPUPBA<15:8>
7:0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
BMXPUPBA<7:0>
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 31-20 Unimplemented: Read as ‘0’
bit 19-11 BMXPUPBA<19:11>: Program Flash (PFM) User Program Base Address bits
bit 10-0
BMXPUPBA<10:0>:
Read-Only bits
Value is always ‘0’, which forces 2 KB increments
Note 1:
At Reset, the value in this register is forced to zero, which causes all of the RAM to be allocated to Kernal
mode data usage.
2:
The value in this register must be less than or equal to BMXPFMSZ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com