Electronic Components Datasheet Search
  English  ▼

X  

RE46C800 Datasheet(PDF) 4 Page - Microchip Technology

Part # RE46C800
Description  Carbon Monoxide Detector Companion IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C800 Datasheet(HTML) 4 Page - Microchip Technology

  RE46C800 Datasheet HTML 1Page - Microchip Technology RE46C800 Datasheet HTML 2Page - Microchip Technology RE46C800 Datasheet HTML 3Page - Microchip Technology RE46C800 Datasheet HTML 4Page - Microchip Technology RE46C800 Datasheet HTML 5Page - Microchip Technology RE46C800 Datasheet HTML 6Page - Microchip Technology RE46C800 Datasheet HTML 7Page - Microchip Technology RE46C800 Datasheet HTML 8Page - Microchip Technology RE46C800 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
RE46C800
DS25172A-page 4
 2013 Microchip Technology Inc.
Input Leakage Low
IIL
1, 5, 7,
8, 10,
11, 20
—
—
-100
nA
INP, 9VDET, ACDET, LEDEN,
IO2, IODIR, HRNEN Inputs
VIN =VSS
IILOP
2
—
—
-200
pA
INN input, VIN =VSS
IILF
17
—
-15
-50
µA
FEED = -10V, VBST =10V
Input Leakage High
IIH1
1, 8,
10, 11,
20
—
—
100
nA
INP, LEDEN, IO2, IODIR,
HRNEN Inputs VIN =VREG
IIH2
5, 7
—
—
100
nA
9VDET, ACDET Inputs,
VIN =VBST, VBST =10V.
IIHOP
2
—
—
200
pA
INN input, VIN =VREG
IIHF
17
—
20
50
µA
FEED = +22V; VBST =10V
Output Off Leakage
High
IIHOZ
14, 15
—
—
1
µA
LEDEN = VSS, LEDPWR,
LX = VBST = 10V
Input Voltage Low
VIL1
8, 10,
11, 20
—
—
1
V
LEDEN, IO2, IODIR, HRNEN
Inputs
VIL2
7
—
—
7
V
ACDET Input, VBST =10V
VIL3
5
—
—
4
V
9VDET Input, VBST =10V
VILF
17
—
—
3
V
FEED Input; VBST =10V
VILIO1
9
—
—
0.8
V
Falling edge of IO1 input,
IODIR = VSS
Input Voltage High
VIH1
8, 10,
11, 20
VREG -.7
—
—
V
LEDEN, IO2, IODIR, HRNEN
Inputs
VIH2
7
8.2
—
—
V
ACDET Input, VBST =10V
VIH3
5
6
—
—
V
9VDET Input, VBST =10V
VIHF
17
7
—
—
V
FEED Input; VBST = 10V
VIHIO1
9
2
—
—
V
Rising edge of IO1 input,
IODIR = VSS
Output Voltage Low
VOL1
18, 19
—
—
0.5
V
HS or HB; IOUT =16 mA;
VDD =3V; VBST =10V,
HRNEN = VSS
VOL2
14
—
—
0.5
V
LEDPWR; IOUT =10mA;
VBST =10V
VOLIO2
10
—
—
0.5
V
IO2 output, IOUT = 100 µA,
IODIR = VSS
DC ELECTRICAL CHARACTERISTICS – RE46C800 (CONTINUED)
Unless otherwise indicated, all parameters apply at TA = -10°C to +60°C, VDD =3V, VSS=0V, CREG =10µF,
CBST = 10 µF, 9VDET low, ACDET low. (Note 1) (Note 2) (Note 3)
Parameter
Symbol
Test
Pin
Min.
Typ.
Max.
Units
Conditions
Note 1:
Wherever a specific VBST value is listed under test conditions, the VBST is forced externally with the inductor
disconnected and the boost regulator is NOT running.
2:
Typical values are for design information only.
3:
The limits shown are 100% tested at 25
°C only. Test limits are guard-banded based on temperature characterization to
warrant compliance at temperature extremes.
4:
The Standby Supply Current IDDSTBY1 specified above can be approximated as follows:
IDDSTBY1 = IDDQ + IIND
Where
IDDQ = average current into VDD supply
IIND = average inductor current = VBST * IVOQ/(VIN * Efficiency)
VIN = VDD = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com