Electronic Components Datasheet Search
  English  ▼

X  

RE46C800 Datasheet(PDF) 13 Page - Microchip Technology

Part # RE46C800
Description  Carbon Monoxide Detector Companion IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C800 Datasheet(HTML) 13 Page - Microchip Technology

Back Button RE46C800 Datasheet HTML 9Page - Microchip Technology RE46C800 Datasheet HTML 10Page - Microchip Technology RE46C800 Datasheet HTML 11Page - Microchip Technology RE46C800 Datasheet HTML 12Page - Microchip Technology RE46C800 Datasheet HTML 13Page - Microchip Technology RE46C800 Datasheet HTML 14Page - Microchip Technology RE46C800 Datasheet HTML 15Page - Microchip Technology RE46C800 Datasheet HTML 16Page - Microchip Technology RE46C800 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
 2013 Microchip Technology Inc.
DS25172A-page 13
RE46C800
FIGURE 4-4:
Typical Application: 9V Battery Operation.
FIGURE 4-5:
Typical Application: AC only.
INP
9
1
2
3
4
5
6
7
8
10
11
12
13
14
15
16
17
18
19
20
INN
VREF
OPOUT
9VDET
VDD
ACDET
LEDEN
IO1
IO2
IODIR
VREG
VBST
LEDPWR
LX
VSS
FEED
HS
HB
HRNEN
3.3V
10 μF
C5
10 μF
C2
9V
VBAT
RE46C800
CO
Sensor
22 μF
C1
C4
1 nF
R3
220K
C6
10 μF
R6
470
LED
R1
1 M
Interface with
Interconnected Units
IO2
IO1
IO1
IO2
If IODIR is low, then IO1 is an input.
If IODIR is high, then IO1 is a output.
Working
Counter
R5
1.5 M
INP
9
1
2
3
4
5
6
7
8
10
11
12
13
14
15
16
17
18
19
20
INN
VREF
OPOUT
9VDET
VDD
ACDET
LEDEN
IO1
IO2
IODIR
VREG
VBST
LEDPWR
LX
VSS
FEED
HS
HB
HRNEN
3.3V
10 μF
C5
Line
Neutral
ACDIS
RE46C800
CO
Sensor
22 μF
C1
C4
1 nF
R3
220K
R7
1 M
C6
10 μF
R6
470 K
10-12V
Line
Neutral
LED
AC POWER
R1
1 M
DC
Interface with
Interconnected Units
IO2
IO1
IO1
IO2
If IODIR is low, then IO1 is an input.
If IODIR is high, then IO1 is a output.
Working
Counter
D1
R8
100 K
R5
1.5 M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com