Electronic Components Datasheet Search
  English  ▼

X  

RE46C800 Datasheet(PDF) 1 Page - Microchip Technology

Part # RE46C800
Description  Carbon Monoxide Detector Companion IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C800 Datasheet(HTML) 1 Page - Microchip Technology

  RE46C800 Datasheet HTML 1Page - Microchip Technology RE46C800 Datasheet HTML 2Page - Microchip Technology RE46C800 Datasheet HTML 3Page - Microchip Technology RE46C800 Datasheet HTML 4Page - Microchip Technology RE46C800 Datasheet HTML 5Page - Microchip Technology RE46C800 Datasheet HTML 6Page - Microchip Technology RE46C800 Datasheet HTML 7Page - Microchip Technology RE46C800 Datasheet HTML 8Page - Microchip Technology RE46C800 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
 2013 Microchip Technology Inc.
DS25172A-page 1
RE46C800
Features:
• Low Quiescent Current
• Operation from 2V or 12V
• 9.8V Boost Regulator
• Horn Driver
•LED Driver
• 3.3V Regulated Voltage for Microcontroller
Operation
• Internal Operational Amplifiers:
- ±1 mV Input Offset Voltage
- Rail-to-rail Input and Output
- 10 kHz Gain Bandwidth Product
- Unity Gain Stable
• Bidirectional Alarm Interconnect
Applications:
•CO Detector
• Toxic Gas Detector
• Heat Detector
Description:
The RE46C800 is a low-power CMOS carbon monoxide
detector companion IC. The RE46C800 provides all of
the analog, interface, and power management functions
for a microcontroller-based CO or toxic gas detector. It
is intended for use in both 3V and 9V battery or battery-
backed applications. It features a boost regulator and
horn driver circuit suitable for driving a piezoelectric
horn, a 3.3V regulator for microcontroller voltage
regulation, an LED driver, an operational amplifier and
an IO for communication with interconnected units.
Package Types
1
2
3
4
20
19
18
17
VDD
INP
VSS
LX
HRNEN
HB
HS
FEED
RE46C800
SSOP
5
6
7
8
9
10
INN
VREF
OPOUT
9VDET
ACDET
LEDEN
IO1
IO2
16
15
14
13
12
11
LEDPWR
VBST
VREG
IODIR
Carbon Monoxide Detector Companion IC


Similar Part No. - RE46C800

ManufacturerPart #DatasheetDescription
logo
R & E International, In...
RE46C100 RANDE-RE46C100 Datasheet
42Kb / 3P
Piezoelectric Horn Driver Circuit
logo
Microchip Technology
RE46C100 MICROCHIP-RE46C100 Datasheet
124Kb / 4P
Piezoelectric Horn Driver Circuit
2009
RE46C100 MICROCHIP-RE46C100 Datasheet
631Kb / 18P
Piezoelectric Horn Driver Circuit
03/25/14
RE46C100D8F MICROCHIP-RE46C100D8F Datasheet
631Kb / 18P
Piezoelectric Horn Driver Circuit
03/25/14
RE46C100D8TF MICROCHIP-RE46C100D8TF Datasheet
631Kb / 18P
Piezoelectric Horn Driver Circuit
03/25/14
More results

Similar Description - RE46C800

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
CO1224 SYSTEMSENSOR-CO1224 Datasheet
176Kb / 2P
Carbon Monoxide Detector
CO1224T SYSTEMSENSOR-CO1224T Datasheet
1Mb / 2P
Carbon Monoxide Detector with RealTest Technology
logo
Figaro Engineering Inc.
TGS5042 FIGARO-TGS5042 Datasheet
366Kb / 2P
Carbon Monoxide
TGS5141-P00 FIGARO-TGS5141-P00 Datasheet
262Kb / 2P
Carbon Monoxide
logo
Greystone Energy System...
PS-CMD5B1 GREYSTONE-PS-CMD5B1 Datasheet
179Kb / 1P
WALL CARBON MONOXIDE DETECTOR
PS-CMD5B5 GREYSTONE-PS-CMD5B5 Datasheet
172Kb / 2P
DUCT CARBON MONOXIDE DETECTOR
PS-GDT GREYSTONE-PS-GDT Datasheet
892Kb / 4P
CARBON MONOXIDE/NITROGEN DIOXIDE DETECTOR
GDT GREYSTONE-GDT Datasheet
892Kb / 4P
CARBON MONOXIDE/NITROGEN DIOXIDE DETECTOR
CMD5B1 GREYSTONE-CMD5B1 Datasheet
179Kb / 1P
WALL CARBON MONOXIDE DETECTOR
CMD5B5 GREYSTONE-CMD5B5 Datasheet
172Kb / 2P
DUCT CARBON MONOXIDE DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com