Electronic Components Datasheet Search
  English  ▼

X  

TC7126 Datasheet(PDF) 11 Page - Microchip Technology

Part # TC7126
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7126 Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC7126_13 Datasheet HTML 7Page - Microchip Technology TC7126_13 Datasheet HTML 8Page - Microchip Technology TC7126_13 Datasheet HTML 9Page - Microchip Technology TC7126_13 Datasheet HTML 10Page - Microchip Technology TC7126_13 Datasheet HTML 11Page - Microchip Technology TC7126_13 Datasheet HTML 12Page - Microchip Technology TC7126_13 Datasheet HTML 13Page - Microchip Technology TC7126_13 Datasheet HTML 14Page - Microchip Technology TC7126_13 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
 2002-2012 Microchip Technology Inc.
DS21458D-page 11
TC7126/A
5.0
DIGITAL SECTION
The TC7126A contains all the segment drivers neces-
sary to directly drive a 3-1/2 digit LCD, including an
LCD backplane driver. The backplane frequency is the
external clock frequency divided by 800. For 3 conver-
sions per second, the backplane frequency is 60Hz
with a 5V nominal amplitude. When a segment driver is
in phase with the backplane signal, the segment is
OFF. An out of phase segment drive signal causes the
segment to be ON (visible). This AC drive configuration
results in negligible DC voltage across each LCD seg-
ment, ensuring long LCD life. The polarity segment
driver is ON for negative analog inputs. If VIN+ and VIN-
are reversed, this indicator reverses.
On the TC7126A, when the TEST pin is pulled to V+,
all segments are turned ON and the display reads -
1888
. During this mode, LCD segments have a
constant DC voltage impressed.
The display font and segment drive assignment are
shown in Figure 5-1.
FIGURE 5-1:
Display Font and Segment
Assignment
5.1
System Timing
The oscillator frequency is divided by four prior to
clocking the internal decade counters. The four-phase
measurement cycle takes a total of 4000 counts
(16,000 clock pulses). The 4000-count cycle is
independent of input signal magnitude.
Each phase of the measurement cycle has the following
length:
1.
Auto-Zero Phase: 1000 to 3000 counts
(4000 to 12,000 clock pulses).
For signals less than full scale, the auto-zero
phase
is
assigned
the
unused
reference
integrate time period.
2.
Signal Integrate: 1000 counts
(4000 clock pulses).
This time period is fixed. The integration period
is:
EQUATION 5-1:
3.
Reference Integrate: 0 to 2000 counts
(0 to 8000 clock pulses).
The TC7126A is a drop-in replacement for the TC7126
and ICL7126, which offer a greatly improved internal
reference
temperature
coefficient.
No
external
component value changes are required to upgrade
existing designs.
Note:
Do not leave the display in this mode for
more than several minutes. LCDs may be
destroyed if operated with DC levels for
extended periods.
Display Font
1000's
100's
10's
1's
TSI = 4000
1
FOSC
Where: FOSC is the externally set clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com