Electronic Components Datasheet Search
  English  ▼

X  

TC7126 Datasheet(PDF) 12 Page - Microchip Technology

Part # TC7126
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7126 Datasheet(HTML) 12 Page - Microchip Technology

Back Button TC7126_13 Datasheet HTML 8Page - Microchip Technology TC7126_13 Datasheet HTML 9Page - Microchip Technology TC7126_13 Datasheet HTML 10Page - Microchip Technology TC7126_13 Datasheet HTML 11Page - Microchip Technology TC7126_13 Datasheet HTML 12Page - Microchip Technology TC7126_13 Datasheet HTML 13Page - Microchip Technology TC7126_13 Datasheet HTML 14Page - Microchip Technology TC7126_13 Datasheet HTML 15Page - Microchip Technology TC7126_13 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
TC7126/A
DS21458D-page 12
 2002-2012 Microchip Technology Inc.
6.0
COMPONENT VALUE
SELECTION
6.1
Auto-Zero Capacitor (CAZ)
The CAZ capacitor size has some influence on system
noise. A 0.47
F capacitor is recommended for 200mV
full scale applications where 1LSB is 100
V. A 0.033F
capacitor is adequate for 2.0V full scale applications. A
mylar type dielectric capacitor is adequate.
6.2
Reference Voltage Capacitor (CREF)
The reference voltage, used to ramp the integrator out-
put voltage back to zero during the reference integrate
phase, is stored on CREF. A 0.1F capacitor is accept-
able when VREF- is tied to analog common. If a large
Common mode voltage exists (VREF- – analog com-
mon) and the application requires a 200mV full scale,
increase CREF to 1F. Rollover error will be held to less
than 0.5 count. A Mylar type dielectric capacitor is
adequate.
6.3
Integrating Capacitor (CINT)
CINT should be selected to maximize integrator output
voltage swing without causing output saturation. Due to
the TC7126A’s superior analog common temperature
coefficient specification, analog common will normally
supply the differential voltage reference. For this case,
a ±2V full scale integrator output swing is satisfactory.
For 3 readings per second (FOSC = 48kHz), a 0.047F
value is suggested. For 1 reading per second, 0.15
F
is recommended. If a different oscillator frequency is
used, CINT must be changed in inverse proportion to
maintain the nominal ±2V integrator swing.
An exact expression for CINT is:
EQUATION 6-1:
At 3 readings per second, a 750
resistor should be
placed in series with CINT. This increases accuracy by
compensating for comparator delay. CINT must have
low dielectric absorption to minimize rollover error. A
polypropylene capacitor is recommended.
6.4
Integrating Resistor (RINT)
The input buffer amplifier and integrator are designed
with Class A output stages. The output stage idling
current is 6
A. The integrator and buffer can supply
1
A drive current with negligible linearity errors. R
INT is
chosen to remain in the output stage linear drive
region, but not so large that PC board leakage currents
induce errors. For a 200mV full scale, RINT is 180k. A
2V full scale requires 1.8M
.
Note:
FOSC = 48kHz (3 readings per sec).
6.5
Oscillator Components
COSC should be 50pF; ROSC is selected from the
equation:
EQUATION 6-2:
For a 48kHz clock (3 conversions per second),
R = 180k
.
Note that FOSC is 44 to generate the TC7126A’s
internal clock. The backplane drive signal is derived by
dividing FOSC by 800.
To achieve maximum rejection of 60Hz noise pickup,
the signal integrate period should be a multiple of
60Hz. Oscillator frequencies of 24kHz, 12kHz, 80kHz,
60kHz, 40kHz, etc. should be selected. For 50Hz rejec-
tion,
oscillator
frequencies
of
20kHz,
100kHz,
66-2/3kHz, 50kHz, 40kHz, etc. would be suitable. Note
that 40kHz (2.5 readings per second) will reject both
50Hz and 60Hz.
CINT =
(4000)
1
FOSC
VFS
RINT
VINT
Where:
FOSC = Clock frequency at Pin 38
VFS = Full scale input voltage
RINT = Integrating resistor
VINT = Desired full scale integrator output swing
Component
Value
Nominal Full Scale Voltage
200mV
2V
CAZ
0.33
F0.033F
RINT
180k
1.8M
CINT
0.047
F0.047F
FOSC =
0.45
RC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com