Electronic Components Datasheet Search
  English  ▼

X  

TC7126 Datasheet(PDF) 18 Page - Microchip Technology

Part # TC7126
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7126 Datasheet(HTML) 18 Page - Microchip Technology

Back Button TC7126_13 Datasheet HTML 14Page - Microchip Technology TC7126_13 Datasheet HTML 15Page - Microchip Technology TC7126_13 Datasheet HTML 16Page - Microchip Technology TC7126_13 Datasheet HTML 17Page - Microchip Technology TC7126_13 Datasheet HTML 18Page - Microchip Technology TC7126_13 Datasheet HTML 19Page - Microchip Technology TC7126_13 Datasheet HTML 20Page - Microchip Technology TC7126_13 Datasheet HTML 21Page - Microchip Technology TC7126_13 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
TC7126/A
DS21458D-page 18
 2002-2012 Microchip Technology Inc.
FIGURE 8-4:
Integrated Circuit Temperature Sensor
FIGURE 8-5:
Temperature Sensor
FIGURE 8-6:
Positive Temperature
Coefficient Resistor Temperature Sensor
TC7126A
–
+
9V
V+
2
6
8
3
NC
GND
4
Temperature
Dependent Output
3
5
4
1
2
REF02
ADJ
VOUT
TEMP
Constant 5V
51k
Ω
1/2
LM358
VOUT =
1.86V @
+25°C
R1
50k
Ω
50k
Ω
R2
COMMON
VIN-
VIN+
VREF-
VREF+
V-
V+
51k
Ω
R4
R5
TC7126A
V+
V-
VIN-
VIN+
VREF+
VREF-
COMMON
50k
Ω
R2
160k
Ω
300k
Ω
300k
Ω
R1
50k
Ω
1N4148
Sensor
9V
+
TC7126A
V+
V-
VIN-
VIN+
VREF+
VREF-
COMMON
5.6k
Ω
160k
Ω
R2
20k
Ω
1N4148
9V
R1
20k
Ω
+
R3
0.7%/°C
PTC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com