Electronic Components Datasheet Search
  English  ▼

X  

AD630BD Datasheet(PDF) 6 Page - Analog Devices

Part # AD630BD
Description  Balanced Modulator/Demodulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD630BD Datasheet(HTML) 6 Page - Analog Devices

Back Button AD630BD Datasheet HTML 2Page - Analog Devices AD630BD Datasheet HTML 3Page - Analog Devices AD630BD Datasheet HTML 4Page - Analog Devices AD630BD Datasheet HTML 5Page - Analog Devices AD630BD Datasheet HTML 6Page - Analog Devices AD630BD Datasheet HTML 7Page - Analog Devices AD630BD Datasheet HTML 8Page - Analog Devices AD630BD Datasheet HTML 9Page - Analog Devices AD630BD Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. E
AD630
–6–
TWO WAYS TO LOOK AT THE AD630
The functional block diagram of the AD630 (see page 1) shows
the pin connections of the internal functions. An alternative archi-
tectural diagram is shown in Figure 1. In this diagram, the
individual A and B channel preamps, the switch, and the inte-
grator output amplifier are combined in a single op amp. This
amplifier has two differential input channels, only one of which
is active at a time.
11
15
2
20
19
18
17
8
7
12
14
13
9
10
RA 5k
2.5k
RF
10k
1
16
2.5k
+VS
RB
10k
SEL B
SEL A
B/A
A
B
–VS
Figure 1. Architectural Block Diagram
HOW THE AD630 WORKS
The basic mode of operation of the AD630 may be easier to recog-
nize as two fixed gain stages which can be inserted into the signal
path under the control of a sensitive voltage comparator. When
the circuit is switched between inverting and noninverting gain, it
provides the basic modulation/demodulation function. The AD630
is unique in that it includes laser wafer trimmed thin-film feed-
back resistors on the monolithic chip. The configuration shown in
Figure 2 yields a gain of
±2 and can be easily changed to ±1 by
shifting RB from its ground connection to the output.
The comparator selects one of the two input stages to complete
an operational feedback connection around the AD630. The
deselected input is off and has a negligible effect on the operation.
A
B
RA
5k
RF
10k
VO
RB
10k
Vi
2
20
19
18
13
15
16
14
9
10
Figure 2. AD630 Symmetric Gain (
±2)
When Channel B is selected, the resistors RA and RF are
connected for inverting feedback as shown in the inverting
gain configuration diagram in Figure 3. The amplifier has suffi-
cient loop gain to minimize the loading effect of RB at the
virtual ground produced by the feedback connection. When the
sign of the comparator input is reversed, Input B will be dese-
lected and A will be selected. The new equivalent circuit will be
the noninverting gain configuration shown in Figure 4. In this
case, RA will appear across the op amp input terminals, but since
the amplifier drives this difference voltage to zero, the closed-loop
gain is unaffected.
The two closed-loop gain magnitudes will be equal when RF/RA
= 1 + RF/RB, which will result from making RA equal to RFRB/
(RF + RB) the parallel equivalent resistance of RF and RB.
The 5 k
Ω and the two 10 kΩ resistors on the AD630 chip can
be used to make a gain of 2 as shown below. By paralleling
the 10 k
Ω resistors to make R
F equal to 5 k
Ω and omitting R
B,
the circuit can be programmed for a gain of
± 1 (as shown in
Figure 9a). These and other configurations using the on-chip
resistors present the inverting inputs with a 2.5 k
Ω source imped-
ance. The more complete AD630 diagrams show 2.5 k
Ω resistors
available at the noninverting inputs which can be conveniently
used to minimize errors resulting from input bias currents.
RA
5k
RF 10k
RB
10k
Vi
VO = –
RF
RA
Vi
Figure 3. Inverting Gain Configuration
RA
5k
RF
10k
RB
10k
Vi
VO = (1+
RF
RB
) Vi
Figure 4. Noninverting Gain Configuration
CIRCUIT DESCRIPTION
The simplified schematic of the AD630 is shown in Figure 5.
It has been subdivided into three major sections, the comparator,
the two input stages, and the output integrator. The compara-
tor consists of a front end made up of Q52 and Q53, a flip-flop
load formed by Q3 and Q4, and two current steering switching
cells Q28, Q29 and Q30, Q31. This structure is designed so that
a differential input voltage greater than 1.5 mV in magnitude
applied to the comparator inputs will completely select one of
the switching cells. The sign of this input voltage determines
which of the two switching cells is selected.
20
11
3
4
5
6
19
2
18
13
12
SEL A
SEL B
DIFF
OFF ADJ
DIFF
OFF ADJ
CM
OFF ADJ
CM
OFF ADJ
COMP
Q74
Q44
CH B–
CH B+
CH A+
CH A–
i55
Q4
Q3
Q28
Q31
Q30
Q32
C122
C121
i22
i23
–VS
VOUT
i73
Q52
Q53
+VS
Q65
Q34
Q33
Q62
Q35
Q36
Q67
Q70
Q25
Q24
Q29
10
9
8
Figure 5. AD630 Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com