Electronic Components Datasheet Search
  English  ▼

X  

AD630BD Datasheet(PDF) 2 Page - Analog Devices

Part # AD630BD
Description  Balanced Modulator/Demodulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD630BD Datasheet(HTML) 2 Page - Analog Devices

  AD630BD Datasheet HTML 1Page - Analog Devices AD630BD Datasheet HTML 2Page - Analog Devices AD630BD Datasheet HTML 3Page - Analog Devices AD630BD Datasheet HTML 4Page - Analog Devices AD630BD Datasheet HTML 5Page - Analog Devices AD630BD Datasheet HTML 6Page - Analog Devices AD630BD Datasheet HTML 7Page - Analog Devices AD630BD Datasheet HTML 8Page - Analog Devices AD630BD Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. E
–2–
AD630–SPECIFICATIONS (@ 25 C and V
S =
15 V, unless otherwise noted.)
AD630J/AD630A
AD630K/AD630B
AD630S
Model
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
GAIN
Open-Loop Gain
90
110
100
120
90
110
dB
±1, ±2 Closed-Loop Gain Error
0.1
0.05
0.1
%
Closed-Loop Gain Match
0.1
0.05
0.1
%
Closed-Loop Gain Drift
2
2
2
ppm/
°C
CHANNEL INPUTS
VIN Operational Limit
1
(–VS + 4 V) to (+VS – 1 V)
(–VS + 4 V) to (+VS – 1 V)
(–VS + 4 V) to (+VS – 1 V)
V
Input Offset Voltage
500
100
500
µV
Input Offset Voltage
TMIN to TMAX
800
160
1000
µV
Input Bias Current
100
300
100
300
100
300
nA
Input Offset Current
10
50
10
50
10
50
nA
Channel Separation @ 10 kHz
100
100
100
dB
COMPARATOR
VIN Operational Limit
1
(–VS + 3 V) to (+VS – 1.5 V)
(–VS + 3 V) to (+VS – 1.5 V)
(–VS + 3 V) to (+VS – 1.3 V)
V
Switching Window
±1.5
±1.5
±1.5
mV
Switching Window
TMIN to TMAX
±2.0
±2.0
±2.5
mV
Input Bias Current
100
300
100
300
100
300
nA
Response Time (–5 mV to +5 mV Step)
200
200
200
ns
Channel Status
ISINK @ VOL = –VS + 0.4 V
2
1.6
1.6
1.6
mA
Pull-Up Voltage
(–VS + 33 V)
(–VS + 33 V)
(–VS + 33 V)
V
DYNAMIC PERFORMANCE
Unity Gain Bandwidth
2
2
2
MHz
Slew Rate
3
45
45
45
V/
µs
Settling Time to 0.1% (20 V Step)
3
3
3
µs
OPERATING CHARACTERISTICS
Common-Mode Rejection
85
105
90
110
90
110
dB
Power Supply Rejection
90
110
90
110
90
110
dB
Supply Voltage Range
±5
±16.5
±5
±16.5
±5
±16.5
V
Supply Current
4
5
4
5
4
5
mA
OUTPUT VOLTAGE, @ RL = 2 k
Ω
TMIN to TMAX
±10
±10
±10
V
Output Short-Circuit Current
25
25
25
mA
TEMPERATURE RANGES
Rated Performance–N Package
0
70
0
70
N/A
°C
Rated Performance–D Package
–25
+85
–25
+85
–55
+125
°C
NOTES
1If one terminal of each differential channel or comparator input is kept within these limits the other terminal may be taken to the positive supply.
2I
SINK @ VOL = (–VS + 1); V is typically 4 mA.
3Pin 12 Open. Slew rate with Pin 12 and Pin 13 shorted is typically 35 V/
µs.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com