Electronic Components Datasheet Search
  English  ▼

X  

AD630BD Datasheet(PDF) 9 Page - Analog Devices

Part # AD630BD
Description  Balanced Modulator/Demodulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD630BD Datasheet(HTML) 9 Page - Analog Devices

Back Button AD630BD Datasheet HTML 4Page - Analog Devices AD630BD Datasheet HTML 5Page - Analog Devices AD630BD Datasheet HTML 6Page - Analog Devices AD630BD Datasheet HTML 7Page - Analog Devices AD630BD Datasheet HTML 8Page - Analog Devices AD630BD Datasheet HTML 9Page - Analog Devices AD630BD Datasheet HTML 10Page - Analog Devices AD630BD Datasheet HTML 11Page - Analog Devices AD630BD Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV. E
AD630
–9–
BALANCED DEMODULATOR
The balanced modulator topology described above will also act as
a balanced demodulator if a double sideband suppressed carrier
waveform is applied to the signal input and the carrier signal is
applied to the reference input. The output under these circumstances
will be the baseband modulation signal. Higher order carrier
components that can be removed with a low-pass filter will
also be present. Other names for this function are synchro-
nous demodulation and phase-sensitive detection.
PRECISION PHASE COMPARATOR
The balanced modulator topologies of Figures 9a and 9b can
also be used as precision phase comparators. In this case, an ac
waveform of a particular frequency is applied to the signal input
and a waveform of the same frequency is applied to the refer-
ence input. The dc level of the output (obtained by low-pass
filtering) will be proportional to the signal amplitude and phase
difference between the input signals. If the signal amplitude is
held constant, the output can be used as a direct indication of
the phase. When these input signals are 90
° out of phase, they
are said to be in quadrature and the AD630 dc output will be zero.
PRECISION RECTIFIER ABSOLUTE VALUE
If the input signal is used as its own reference in the balanced
modulator topologies, the AD630 will act as a precision recti-
fier. The high frequency performance will be superior to that
which can be achieved with diode feedback and op amps. There
are no diode drops that the op amp must “leap over” with the
commutating amplifier.
LVDT SIGNAL CONDITIONER
Many transducers function by modulating an ac carrier. A linear
variable differential transformer (LVDT) is a transducer of
this type. The amplitude of the output signal corresponds to
core displacement. Figure 11 shows an accurate synchronous
demodulation system which can be used to produce a dc voltage
that corresponds to the LVDT core position. The inherent
precision and temperature stability of the AD630 reduce
demodulator drift to a second-order effect.
A
B
10k
10k
5k
2.5k
2.5k
C
100k
D
1 F
AD630
2 DEMODULATOR
AD544
FOLLOWER
B
PHASE
SHIFTER
A
E1000
SCHAEVITZ
LVDT
2.5kHZ
2V p-p
SINUSOIDAL
EXCITATION
16
1
14
17
9
10
20
19
12
13
15
Figure 11. LVDT Signal Conditioner
AC BRIDGE
Bridge circuits that use dc excitation are often plagued by
errors caused by thermocouple effects, 1/f noise, dc drifts in the
electronics, and line noise pick-up. One way to get around these
problems is to excite the bridge with an ac waveform, amplify the
bridge output with an ac amplifier, and synchronously demodulate
the resulting signal. The ac phase and amplitude information
from the bridge is recovered as a dc signal at the output of the
synchronous demodulator. The low frequency system noise,
dc drifts, and demodulator noise all get mixed to the carrier
frequency and can be removed by means of a low-pass filter.
Dynamic response of the bridge must be traded off against the
amount of attenuation required to adequately suppress these
residual carrier components in the selection of the filter.
Figure 12 is an example of an ac bridge system with the AD630
used as a synchronous demodulator. The bridge is excited by a
1 V 400 Hz excitation. Trace A in Figure 13 is the amplified
bridge signal. Trace B is the output of the synchronous demodu-
lator and Trace C is the filtered dc system output.
AD8221
REF
+IN
–IN
49.9
350
350
350
350
CH B–
SEL B
CH A–
SEL A
RA
RF RINA
RINB
–VS
+15V
VOUT
+VS
COMP
AD630AR
12
13
18
RB
14
10
17
16
15
19
20
911
–15V
4.99k
4.99k
4.99k
2 F2 F2 F
A
BC
1V
400Hz
Figure 12. AC Bridge System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com