Electronic Components Datasheet Search
  English  ▼

X  

AD8114AST Datasheet(PDF) 10 Page - Analog Devices

Part # AD8114AST
Description  Low Cost 225 MHz 16 횞 16 Crosspoint Switches
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8114AST Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8114AST Datasheet HTML 6Page - Analog Devices AD8114AST Datasheet HTML 7Page - Analog Devices AD8114AST Datasheet HTML 8Page - Analog Devices AD8114AST Datasheet HTML 9Page - Analog Devices AD8114AST Datasheet HTML 10Page - Analog Devices AD8114AST Datasheet HTML 11Page - Analog Devices AD8114AST Datasheet HTML 12Page - Analog Devices AD8114AST Datasheet HTML 13Page - Analog Devices AD8114AST Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD8114/AD8115
Rev. B | Page 10 of 32
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Pin Description
58, 60, 62, 64, 66, 68, 70, 72,
4, 6, 8, 10, 12, 14, 16, 18
INxx
Analog Inputs. xx = Channels 00 through 15.
96
DATA IN
Serial Data Input, TTL Compatible.
97
CLK
Clock, TTL Compatible. Falling edge triggered.
98
DATA OUT
Serial Data Out, TTL Compatible.
95
UPDATE
Enable (Transparent) Low. Allows serial register to connect directly to switch matrix.
Data latched when high.
100
RESET
Disable Outputs, Active Low.
99
CE
Chip Enable, Enable Low. Must be low to clock in and latch data.
94
SER/PAR
Selects Serial Data Mode, Low or Parallel Data Mode, High. Must be connected.
53, 51, 49, 47, 45, 43, 41, 39,
37, 35, 33, 31, 29, 27, 25, 23
OUTyy
Analog Outputs. yy = Channels 00 through 15.
3, 5, 7, 9, 11, 13, 15, 17, 19, 57,
59, 61, 63, 65, 67, 69, 71, 73
AGND
Analog Ground for Inputs and Switch Matrix. Must be connected.
1, 75
DVCC
+5 V for Digital Circuitry.
2, 74
DGND
Ground for Digital Circuitry.
20, 56
AVEE
−5 V for Inputs and Switch Matrix.
21, 55
AVCC
+5 V for Inputs and Switch Matrix.
54, 50, 46, 42, 38, 34, 30, 26, 22
AVCCxx/yy
+5 V for Output Amplifier that is Shared by Channels xx and yy. Must be connected.
52, 48, 44, 40, 36, 32, 28, 24
AVEExx/yy
–5 V for Output Amplifier that is Shared by Channels xx and yy. Must be connected.
84
A0
Parallel Data Input, TTL Compatible (output select LSB).
83
A1
Parallel Data Input, TTL Compatible (output select).
82
A2
Parallel Data Input, TTL Compatible (output select).
81
A3
Parallel Data Input, TTL Compatible (output select MSB).
80
D0
Parallel Data Input, TTL Compatible (input select LSB)
79
D1
Parallel Data Input, TTL Compatible (input select).
78
D2
Parallel Data Input, TTL Compatible (input select).
77
D3
Parallel Data Input, TTL Compatible (input select MSB).
76
D4
Parallel Data Input, TTL Compatible (output enable).
85 to 93
NC
No Connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com