Electronic Components Datasheet Search
  English  ▼

X  

AD8114AST Datasheet(PDF) 20 Page - Analog Devices

Part # AD8114AST
Description  Low Cost 225 MHz 16 횞 16 Crosspoint Switches
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8114AST Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8114AST Datasheet HTML 16Page - Analog Devices AD8114AST Datasheet HTML 17Page - Analog Devices AD8114AST Datasheet HTML 18Page - Analog Devices AD8114AST Datasheet HTML 19Page - Analog Devices AD8114AST Datasheet HTML 20Page - Analog Devices AD8114AST Datasheet HTML 21Page - Analog Devices AD8114AST Datasheet HTML 22Page - Analog Devices AD8114AST Datasheet HTML 23Page - Analog Devices AD8114AST Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
AD8114/AD8115
Rev. B | Page 20 of 32
of 2 that eliminates the need for a gain-of-2 buffer to drive a
video line. Its high output disabled impedance minimizes signal
degradation when paralleling additional outputs.
CREATING LARGER CROSSPOINT ARRAYS
The AD8114/AD8115 are high density building blocks for
creating crosspoint arrays of dimensions larger than 16 × 16.
Various features, such as output disable, chip enable, and gain-
of-1 and gain-of-2 options, are useful for creating larger arrays.
When required for customizing a crosspoint array size, they can
be used with the AD8108 and AD8109, a pair of (unity gain and
gain-of-2) 8 × 8 video crosspoint switches, or with the AD8110
and AD8111, a pair of (unity gain and gain-of-2) 16 × 8 video
crosspoint switches.
The first consideration in constructing a larger crosspoint is to
determine the minimum number of devices required. The 16 ×
16 architecture of the AD8114/AD8115 contains 256 points,
which is a factor of 64 greater than a 4 × 1 crosspoint (or
multiplexer). The PC board area, power consumption, and
design effort savings are readily apparent when compared to
using these smaller devices.
For a nonblocking crosspoint, the number of points required is
the product of the number of inputs multiplied by the number
of outputs. Nonblocking requires that the programming of a
given input to one or more outputs does not restrict the
availability of that input to be a source for any other outputs.
Some nonblocking crosspoint architectures will require more
than this minimum as calculated above. Also, there are blocking
architectures that can be constructed with fewer devices than
this minimum. These systems have connectivity available on a
statistical basis that is determined when designing the overall
system.
The basic concept in constructing larger crosspoint arrays is to
connect inputs in parallel in a horizontal direction and to wire-
OR the outputs together in the vertical direction. The meaning
of horizontal and vertical can best be understood by looking at
a diagram. Figure 48 illustrates this concept for a 32 × 32
crosspoint array that uses four AD8114s or AD8115s.
AD8114
OR
AD8115
AD8114
OR
AD8115
AD8114
OR
AD8115
AD8114
OR
AD8115
16
16
16
16
RTERM
IN 00–15
16
16
RTERM
IN 16–31
16
16
16
16
Figure 48. 32 × 32 Crosspoint Array Using AD8114 or Four AD8115s
The inputs are each uniquely assigned to each of the 32 inputs
of the two devices and terminated appropriately. The outputs
are wired-OR’ed together in pairs. The output from only one of
a wire-OR’ed pair should be enabled at any given time. The
device programming software must be properly written to cause
this to happen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com