Electronic Components Datasheet Search
  English  ▼

X  

AD8114AST Datasheet(PDF) 18 Page - Analog Devices

Part # AD8114AST
Description  Low Cost 225 MHz 16 횞 16 Crosspoint Switches
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8114AST Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8114AST Datasheet HTML 14Page - Analog Devices AD8114AST Datasheet HTML 15Page - Analog Devices AD8114AST Datasheet HTML 16Page - Analog Devices AD8114AST Datasheet HTML 17Page - Analog Devices AD8114AST Datasheet HTML 18Page - Analog Devices AD8114AST Datasheet HTML 19Page - Analog Devices AD8114AST Datasheet HTML 20Page - Analog Devices AD8114AST Datasheet HTML 21Page - Analog Devices AD8114AST Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
AD8114/AD8115
Rev. B | Page 18 of 32
THEORY OF OPERATION
The AD8114 (G = 1) and AD8115 (G = 2) are crosspoint arrays
with 16 outputs, each of which can be connected to any one of
16 inputs. Organized by output row, 16 switchable
transconductance stages are connected to each output buffer in
the form of a 16-to-1 multiplexer. Each of the 16 rows of
transconductance stages are wired in parallel to the 16 input
pins, for a total array of 256 transconductance stages. Decoding
logic for each output selects one (or none) of the
transconductance stages to drive the output stage. The
transconductance stages are NPN-input differential pairs,
sourcing current into the folded cascode output stage. The
compensation network and emitter follower output buffer are in
the output stage. Voltage feedback sets the gain, with the
AD8114 configured as a unity gain follower, and the AD8115
configured as a gain-of-2 amplifier with a feedback network.
This architecture provides drive for a reverse-terminated video
load (150 Ω), with low differential gain and phase error for
relatively low power consumption. Power consumption is
further reduced by disabling outputs and transconductance
stages that are not in use. The user will notice a small increase
in input bias current as each transconductance stage is enabled.
Features of the AD8114 and AD8115 simplify the construction
of larger switch matrices. The unused outputs of both devices
can be disabled to a high impedance state, allowing the outputs
of multiple ICs to be bused together. In the case of the AD8115,
a feedback isolation scheme is used so that the impedance of the
gain-of-2 feedback network does not load the output. Because
no additional input buffering is necessary, high input resistance
and low input capacitance are easily achieved without
additional signal degradation. To control enable glitches, it is
recommended that the disabled output voltage be maintained
within its normal enabled voltage range (±3.3 V). If necessary,
the disabled output can be kept from drifting out of range by
applying an output load resistor to ground.
A flexible TTL-compatible logic interface simplifies the
programming of the matrix. Both parallel and serial loading
into a first rank of latches programs each output. A global latch
simultaneously updates all outputs. A power-on reset pin is
available to avoid bus conflicts by disabling all outputs.
APPLICATIONS
The AD8114/AD8115 have two options for changing the
programming of the crosspoint matrix. In the first option a
serial word of 80 bits can be provided that will update the entire
matrix each time. The second option allows for changing a
single output’s programming via a parallel interface. The serial
option requires fewer signals, but more time (clock cycles) for
changing the programming, while the parallel programming
technique requires more signals, but can change a single output
at a time and requires fewer clock cycles to complete
programming.
Serial Programming
The serial programming mode uses the device pins CE, CLK,
DATA IN, UPDATE, and SER/PAR. The first step is to assert a
low on SER/PAR to enable the serial programming mode. CE
for the chip must be low to allow data to be clocked into the
device. The CE signal can be used to address an individual
device when devices are connected in parallel.
The UPDATE signal should be high during the time that data is
shifted into the device’s serial port. Although the data will still
shift in when UPDATE is low, the transparent, asynchronous
latches will allow the shifting data to reach the matrix. This will
cause the matrix to try to update to every intermediate state as
defined by the shifting data.
The data at DATA IN is clocked in at every down edge of CLK.
A total of 80 bits must be shifted in to complete the
programming. For each of the 16 outputs, there are four bits
(D0 to D3) that determine the source of its input followed by
one bit (D4) that determines the enabled state of the output. If
D4 is low (output disabled), the four associated bits (D0 to D3)
do not matter because no input will be switched to that output.
The most significant output address data is shifted in first, and
then following in sequence until the least significant output
address data is shifted in. At this point UPDATE can be taken
low, which will cause the programming of the device according
to the data that was just shifted in. The UPDATE registers are
asynchronous, and when UPDATE is low (and CE is low), they
are transparent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com