Electronic Components Datasheet Search
  English  ▼

X  

AD9735-EB Datasheet(PDF) 38 Page - Analog Devices

Part # AD9735-EB
Description  10-/12-/14-Bit, 1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9735-EB Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9735-EB Datasheet HTML 34Page - Analog Devices AD9735-EB Datasheet HTML 35Page - Analog Devices AD9735-EB Datasheet HTML 36Page - Analog Devices AD9735-EB Datasheet HTML 37Page - Analog Devices AD9735-EB Datasheet HTML 38Page - Analog Devices AD9735-EB Datasheet HTML 39Page - Analog Devices AD9735-EB Datasheet HTML 40Page - Analog Devices AD9735-EB Datasheet HTML 41Page - Analog Devices AD9735-EB Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 72 page
background image
AD9734/AD9735/AD9736
Rev. A | Page 38 of 72
INSTRUCTION BIT 6
INSTRUCTION BIT 7
CSB
SCLK
SDIO
tDS
tDS
tDH
tPWH
tPWL
tSCLK
Figure 73. Timing Diagram for SPI Register Write
I1
I0
D7
D6
D5
tDV
tDNV
CSB
SCLK
SDIO
Figure 74. Timing Diagram for SPI Register Read
After the last instruction bit is written to the SDIO pin, the
driving signal must be set to a high impedance in time for the
bus to turn around. The serial output data from the AD973x is
enabled by the falling edge of SCLK. This causes the first output
data bit to be shorter than the remaining data bits, as shown in
Figure 74.
To assure proper reading of data, read the SDIO or SDO pin
prior to changing the SCLK from low to high. Due to the more
complex multibyte protocol, multiple AD973x devices cannot
be daisy-chained on the SPI bus. Multiple DACs should be
controlled by independent CSB signals.
PIN MODE OPERATION
When the PIN_MODE input (Pin L1) is set high, the SPI port is
disabled. The SPI port pins are remapped, as shown in Table 21.
The function of these pins is described in Table 22. The remain-
ing PIN_MODE register settings are shown in Table 9.
Table 21. SPI_MODE vs. PIN_MODE Inputs
Pin Number
PIN_MODE = 0
PIN_MODE = 1
E13
IRQ
UNSIGNED
F13
CSB
2×
G13
SCLK
FSC0
E14
RESET
PD
F14
SDIO
FIFO
G14
SDO
FSC1
Table 22. PIN_MODE Input Functions
Mnemonic
Function
UNSIGNED
0, twos complement input data format
1, unsigned input data format
2×
0, interpolation disabled
1, interpolation = 2× enabled
FSC1, FSC0
00, sleep mode
01, 10 mA full-scale output current
10, 20 mA full-scale output current
11, 30 mA full-scale output current
PD
0, chip enabled
1, chip in power-down state
FIFO
0, input FIFO disabled
1, input FIFO enabled
Care must be taken when using PIN_MODE because only the
control bits shown in Table 22 can be changed. If the remaining
register default values are not suitable for the desired operation,
PIN_MODE cannot be used. If the FIFO is enabled, the
controller clock must be less than 10 MHz. This limits the DAC
clock to 160 MHz.
RESET OPERATION
The RESET pin forces all SPI register contents to their default
values (see Table 9), which places the DAC in a known state.
The software reset bit forces all SPI register contents, except
Reg. 0 and Reg. 4, to their default values.
The internal reset signal is derived from a logical OR operation
on the RESET pin state and from the software reset state. This
internal reset signal drives all SPI registers to their default
values, except Reg. 0 and Reg. 4, which are unaffected. The data
registers are not affected by either reset.
The software reset is asserted by writing 1 to Reg. 0, Bit 5. It
may be cleared on the next SPI write cycle or a later write cycle.
PROGRAMMING SEQUENCE
The AD973x registers should be programmed in this order:
1.
Reset hardware.
2.
Make changes to SPI port configuration, if necessary.
3.
Input format, if unsigned.
4.
Interpolation, if in 2× mode.
5.
Calibrate and set the LVDS controller.
6.
Enable the FIFO.
7.
Calibrate and set the sync controller.
Step 1 through Step 4 are required, while Step 5 through Step 7
are optional. The LVDS controller can help assure proper data
reception in the DAC with changes in temperature and voltage.
The sync controller manages the FIFO to assure proper transfer
of the received data to the DAC core with changes in
temperature and voltage. The DAC is intended to operate with
both controllers active unless data and clock alignment is
managed externally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com