Electronic Components Datasheet Search
  English  ▼

X  

AD9735-EB Datasheet(PDF) 51 Page - Analog Devices

Part # AD9735-EB
Description  10-/12-/14-Bit, 1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9735-EB Datasheet(HTML) 51 Page - Analog Devices

Back Button AD9735-EB Datasheet HTML 47Page - Analog Devices AD9735-EB Datasheet HTML 48Page - Analog Devices AD9735-EB Datasheet HTML 49Page - Analog Devices AD9735-EB Datasheet HTML 50Page - Analog Devices AD9735-EB Datasheet HTML 51Page - Analog Devices AD9735-EB Datasheet HTML 52Page - Analog Devices AD9735-EB Datasheet HTML 53Page - Analog Devices AD9735-EB Datasheet HTML 54Page - Analog Devices AD9735-EB Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 72 page
background image
AD9734/AD9735/AD9736
Rev. A | Page 51 of 72
DAC OUTPUT DISTORTION SOURCES
The second harmonic is mostly due to an imbalance in the
output load. The dc transfer characteristic of the DAC is capable
of second harmonic distortion of at least −75 dBc. Output load
imbalance or digital data noise coupling onto DACCLK causes
additional second harmonic distortion.
The DAC architecture inherently generates third harmonics, the
levels of which depend on the output frequency and amplitude
generated. If any output signal is rectified and coupled back
onto the DAC clock, it can generate additional third-harmonic
energy.
The distortion components should be identical in amplitude
and phase at both AD973x outputs. Even though each single-
ended output includes a large amount of second-harmonic
energy, a careful differential-to-single-ended conversion can
remove most of it. Optimum performance at high intermediate
frequency (IF) output is obtained with the output circuit shown
in Figure 93.
This is the configuration implemented on the evaluation board
(Figure 107). The 20 Ω series resistors allow the DAC to drive a
less reactive load, which improves distortion. Further improvement
is realized by adding the Balun T3 to help provide an equal load
to both DAC outputs.
IOUTA
IOUTB
J2, 50
Ω OUTPUT
AVSS
R17
20
Ω
15
6
5
1
34
4
3
R19
20
Ω
T3
T1
AVSS
R8
50
Ω
R6
50
Ω
Figure 93. IF Signal Output Circuit
Because T1 has a differential input, but a single-ended output,
Pin 4 of T1 has a higher capacitance to ground due to parasitics
to Pin 3. T1 Pin 6 has lower parasitic capacitance to ground
because it drives 50 Ω at Pin 1. This presents an unbalanced
load to the DAC output, so T3 is added to improve the load
balancing. Refer to Figure 107 for the transformer part numbers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com