Electronic Components Datasheet Search
  English  ▼

X  

AD9735-EB Datasheet(PDF) 18 Page - Analog Devices

Part # AD9735-EB
Description  10-/12-/14-Bit, 1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9735-EB Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9735-EB Datasheet HTML 14Page - Analog Devices AD9735-EB Datasheet HTML 15Page - Analog Devices AD9735-EB Datasheet HTML 16Page - Analog Devices AD9735-EB Datasheet HTML 17Page - Analog Devices AD9735-EB Datasheet HTML 18Page - Analog Devices AD9735-EB Datasheet HTML 19Page - Analog Devices AD9735-EB Datasheet HTML 20Page - Analog Devices AD9735-EB Datasheet HTML 21Page - Analog Devices AD9735-EB Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
AD9734/AD9735/AD9736
Rev. A | Page 18 of 72
TYPICAL PERFORMANCE CHARACTERISTICS
AD9736 STATIC LINEARITY, 10 mA FULL SCALE
CODE
16384
0
2048
4096
6144
8192
10240 12288 14336
1.00
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
–1.00
–1.25
–1.50
–1.75
–2.00
Figure 9. AD9736 INL, −40°C, 10 mA FS
CODE
16384
0
2048
4096
6144
8192
10240 12288 14336
1.00
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
–1.00
–1.25
–1.50
–1.75
–2.00
Figure 10. AD9736 INL, 25°C, 10 mA FS
CODE
16384
0
2048
4096
6144
8192
10240 12288 14336
1.00
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
–1.00
–1.25
–1.50
–1.75
–2.00
Figure 11. AD9736 INL, 85°C, 10 mA FS
CODE
16384
0
2048
4096
6144
8192
10240 12288 14336
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
Figure 12. AD9736 DNL, −40°C, 10 mA FS
CODE
16384
0
2048
4096
6144
8192
10240 12288 14336
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
Figure 13. AD9736 DNL, 25°C, 10 mA FS
CODE
16384
0
2048
4096
6144
8192
10240 12288 14336
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
Figure 14. AD9736 DNL, 85°C, 10 mA FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com