Electronic Components Datasheet Search
  English  ▼

X  

ADR420ARMZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADR420ARMZ
Description  Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR420ARMZ Datasheet(HTML) 5 Page - Analog Devices

  ADR420ARMZ Datasheet HTML 1Page - Analog Devices ADR420ARMZ Datasheet HTML 2Page - Analog Devices ADR420ARMZ Datasheet HTML 3Page - Analog Devices ADR420ARMZ Datasheet HTML 4Page - Analog Devices ADR420ARMZ Datasheet HTML 5Page - Analog Devices ADR420ARMZ Datasheet HTML 6Page - Analog Devices ADR420ARMZ Datasheet HTML 7Page - Analog Devices ADR420ARMZ Datasheet HTML 8Page - Analog Devices ADR420ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADR420/ADR421/ADR423/ADR425
Rev. I | Page 5 of 24
ADR423 ELECTRICAL SPECIFICATIONS
VIN = 5.0 V to 15.0 V, TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
OUTPUT VOLTAGE
VOUT
A Grade
2.996
3.000
3.004
V
B Grade
2.9985
3.000
3.0015
V
INITIAL ACCURACY1
VOUTERR
A Grade
−4
+4
mV
−0.13
+0.13
%
B Grade
−1.5
+1.5
mV
−0.04
+0.04
%
TEMPERATURE COEFFICIENT
TCVOUT
−40°C < TA < +125°C
A Grade
2
10
ppm/°C
B Grade
1
3
ppm/°C
SUPPLY VOLTAGE HEADROOM
VIN − VOUT
2
V
LINE REGULATION
∆VOUT/∆VIN
VIN = 5 V to 18 V,
−40°C < TA < +125°C
10
35
ppm/V
LOAD REGULATION
∆VOUT/∆IL
IL = 0 mA to 10 mA,
−40°C < TA < +125°C
70
ppm/mA
QUIESCENT CURRENT
IIN
No load
390
500
μA
−40°C < TA < +125°C
600
μA
VOLTAGE NOISE
eN p-p
0.1 Hz to 10 Hz
2
μV p-p
VOLTAGE NOISE DENSITY
eN
1 kHz
90
nV/√Hz
TURN-ON SETTLING TIME
tR
10
μs
LONG-TERM STABILITY
∆VOUT
1000 hours
50
ppm
OUTPUT VOLTAGE HYSTERESIS
VOUT_HYS
40
ppm
RIPPLE REJECTION RATIO
RRR
fIN = 1 kHz
−75
dB
SHORT CIRCUIT TO GND
ISC
27
mA
1 Initial accuracy does not include shift due to solder heat effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com