Electronic Components Datasheet Search
  English  ▼

X  

ADR420ARMZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADR420ARMZ
Description  Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR420ARMZ Datasheet(HTML) 1 Page - Analog Devices

  ADR420ARMZ Datasheet HTML 1Page - Analog Devices ADR420ARMZ Datasheet HTML 2Page - Analog Devices ADR420ARMZ Datasheet HTML 3Page - Analog Devices ADR420ARMZ Datasheet HTML 4Page - Analog Devices ADR420ARMZ Datasheet HTML 5Page - Analog Devices ADR420ARMZ Datasheet HTML 6Page - Analog Devices ADR420ARMZ Datasheet HTML 7Page - Analog Devices ADR420ARMZ Datasheet HTML 8Page - Analog Devices ADR420ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Ultraprecision, Low Noise, 2.048 V/2.500 V/
3.00 V/5.00 V XFET® Voltage References
ADR420/ADR421/ADR423/ADR425
Rev. I
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2001–2011 Analog Devices, Inc. All rights reserved.
FEATURES
Low noise (0.1 Hz to 10 Hz)
ADR420: 1.75 μV p-p
ADR421: 1.75 μV p-p
ADR423: 2.0 μV p-p
ADR425: 3.4 μV p-p
Low temperature coefficient: 3 ppm/°C
Long-term stability: 50 ppm/1000 hours
Load regulation: 70 ppm/mA
Line regulation: 35 ppm/V
Low hysteresis: 40 ppm typical
Wide operating range
ADR420: 4 V to 18 V
ADR421: 4.5 V to 18 V
ADR423: 5 V to 18 V
ADR425: 7 V to 18 V
Quiescent current: 0.5 mA maximum
High output current: 10 mA
Wide temperature range: −40°C to +125°C
APPLICATIONS
Precision data acquisition systems
High resolution converters
Battery-powered instrumentation
Portable medical instruments
Industrial process control systems
Precision instruments
Optical network control circuits
PIN CONFIGURATION
NIC = NO INTERNAL CONNECTION
TP = TEST PIN (DO NOT CONNECT)
ADR420/
ADR421/
ADR423/
ADR425
TOP VIEW
(Not to Scale)
TP 1
VIN 2
NIC 3
GND 4
TP
8
NIC
7
VOUT
6
TRIM
5
Figure 1. 8-Lead SOIC, 8-Lead MSOP
GENERAL DESCRIPTION
The ADR42x are a series of ultraprecision, second generation
eXtra implanted junction FET (XFET) voltage references
featuring low noise, high accuracy, and excellent long-term
stability in SOIC and MSOP footprints.
Patented temperature drift curvature correction technique and
XFET technology minimize nonlinearity of the voltage change
with temperature. The XFET architecture offers superior
accuracy and thermal hysteresis to the band gap references. It
also operates at lower power and lower supply headroom than
the buried Zener references.
The superb noise and the stable and accurate characteristics
of the ADR42x make them ideal for precision conversion
applications such as optical networks and medical equipment.
The ADR42x trim terminal can also be used to adjust the out-
put voltage over a ±0.5% range without compromising any
other performance. The ADR42x series voltage references
offer two electrical grades and are specified over the extended
industrial temperature range of −40°C to +125°C. Devices have
8-lead SOIC or 30% smaller, 8-lead MSOP packages.
ADR42x PRODUCTS
Table 1.
Initial Accuracy
Model
Output Voltage, VOUT (V)
mV
%
Temperature Coefficient (ppm/°C)
ADR420
2.048
1, 3
0.05, 0.15
3, 10
ADR421
2.50
1, 3
0.04, 0.12
3, 10
ADR423
3.00
1.5, 4
0.04, 0.13
3, 10
ADR425
5.00
2, 6
0.04, 0.12
3, 10


Similar Part No. - ADR420ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR420ARM-REEL7 AD-ADR420ARM-REEL7 Datasheet
223Kb / 16P
Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
03/02-Data Sheet changed from REV. A to REV. B.
More results

Similar Description - ADR420ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR380 AD-ADR380 Datasheet
316Kb / 12P
Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
7/04-Data Sheet Changed from Rev. 0 to Rev. A.
ADR420 AD-ADR420 Datasheet
223Kb / 16P
Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
03/02-Data Sheet changed from REV. A to REV. B.
ADR291GRUZ-REEL7 AD-ADR291GRUZ-REEL7 Datasheet
348Kb / 20P
Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR381ART AD-ADR381ART Datasheet
246Kb / 16P
Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR380 AD-ADR380_15 Datasheet
246Kb / 16P
Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381 AD-ADR381_15 Datasheet
246Kb / 16P
Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR420 AD-ADR420_15 Datasheet
459Kb / 24P
Ultraprecision, Low Noise Voltage References
Rev. J
ADR421 AD-ADR421_15 Datasheet
459Kb / 24P
Ultraprecision, Low Noise Voltage References
Rev. J
ADR423 AD-ADR423_15 Datasheet
459Kb / 24P
Ultraprecision, Low Noise Voltage References
Rev. J
ADR425 AD-ADR425_15 Datasheet
459Kb / 24P
Ultraprecision, Low Noise Voltage References
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com