Electronic Components Datasheet Search
  English  ▼

X  

ADR420ARMZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADR420ARMZ
Description  Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR420ARMZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADR420ARMZ Datasheet HTML 5Page - Analog Devices ADR420ARMZ Datasheet HTML 6Page - Analog Devices ADR420ARMZ Datasheet HTML 7Page - Analog Devices ADR420ARMZ Datasheet HTML 8Page - Analog Devices ADR420ARMZ Datasheet HTML 9Page - Analog Devices ADR420ARMZ Datasheet HTML 10Page - Analog Devices ADR420ARMZ Datasheet HTML 11Page - Analog Devices ADR420ARMZ Datasheet HTML 12Page - Analog Devices ADR420ARMZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADR420/ADR421/ADR423/ADR425
Rev. G | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
–40
–10
20
50
80
125
110
TEMPERATURE (°C)
2.0495
2.0493
2.0491
2.0489
2.0487
2.0485
2.0483
2.0481
2.0479
2.0477
2.0475
Figure 3. ADR420 Typical Output Voltage vs. Temperature
–40
–10
20
50
80
125
110
TEMPERATURE (°C)
2.4995
2.4997
2.4999
2.5001
2.5003
2.5005
2.5007
2.5009
2.5011
2.5013
2.5015
Figure 4. ADR421 Typical Output Voltage vs. Temperature
–40
–10
20
50
80
125
110
TEMPERATURE (°C)
3.0010
3.0008
3.0006
3.0004
3.0002
3.0000
2.9998
2.9996
2.9994
2.9992
2.9990
Figure 5. ADR423 Typical Output Voltage vs. Temperature
–40
–10
20
50
80
125
110
TEMPERATURE (°C)
5.0025
5.0023
5.0021
5.0019
5.0017
5.0015
5.0013
5.0011
5.0009
5.0007
5.0005
Figure 6. ADR425 Typical Output Voltage vs. Temperature
46
8
10
12
14
INPUT VOLTAGE (V)
0.55
0.50
0.45
0.40
0.35
0.30
0.25
15
+125°C
+25°C
–40°C
Figure 7. ADR420 Supply Current vs. Input Voltage
46
8
10
12
14
INPUT VOLTAGE (V)
0.55
0.50
0.45
0.40
0.35
0.30
0.25
+125°C
+25°C
–40°C
15
Figure 8. ADR421 Supply Current vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com