Electronic Components Datasheet Search
  English  ▼

X  

ADR423ARZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADR423ARZ
Description  Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR423ARZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADR423ARZ Datasheet HTML 4Page - Analog Devices ADR423ARZ Datasheet HTML 5Page - Analog Devices ADR423ARZ Datasheet HTML 6Page - Analog Devices ADR423ARZ Datasheet HTML 7Page - Analog Devices ADR423ARZ Datasheet HTML 8Page - Analog Devices ADR423ARZ Datasheet HTML 9Page - Analog Devices ADR423ARZ Datasheet HTML 10Page - Analog Devices ADR423ARZ Datasheet HTML 11Page - Analog Devices ADR423ARZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADR420/ADR421/ADR423/ADR425
Rev. I | Page 8 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
NIC = NO INTERNAL CONNECTION
TP = TEST PIN (DO NOT CONNECT)
ADR420/
ADR421/
ADR423/
ADR425
TOP VIEW
(Not to Scale)
TP 1
VIN 2
NIC 3
GND 4
TP
8
NIC
7
VOUT
6
TRIM
5
Figure 2. 8-Lead SOIC, 8-Lead MSOP Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 8
TP
Test Pin. There are actual connections in TP pins, but they are reserved for factory testing purposes. Users should not
connect anything to TP pins; otherwise, the device may not function properly.
2
VIN
Input Voltage.
3, 7
NIC
No Internal Connect. NICs have no internal connections.
4
GND
Ground Pin = 0 V.
5
TRIM
Trim Terminal. It can be used to adjust the output voltage over a ±0.5% range without affecting the temperature
coefficient.
6
VOUT
Output Voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com