Electronic Components Datasheet Search
  English  ▼

X  

ADR423ARZ Datasheet(PDF) 15 Page - Analog Devices

Part # ADR423ARZ
Description  Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR423ARZ Datasheet(HTML) 15 Page - Analog Devices

Back Button ADR423ARZ Datasheet HTML 11Page - Analog Devices ADR423ARZ Datasheet HTML 12Page - Analog Devices ADR423ARZ Datasheet HTML 13Page - Analog Devices ADR423ARZ Datasheet HTML 14Page - Analog Devices ADR423ARZ Datasheet HTML 15Page - Analog Devices ADR423ARZ Datasheet HTML 16Page - Analog Devices ADR423ARZ Datasheet HTML 17Page - Analog Devices ADR423ARZ Datasheet HTML 18Page - Analog Devices ADR423ARZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
ADR420/ADR421/ADR423/ADR425
Rev. I | Page 15 of 24
TERMINOLOGY
Temperature Coefficient
The change of output voltage over the operating temperature
range is normalized by the output voltage at 25°C, and
expressed in ppm/°C as
()
()
( )
()
()
6
10
/
×
−
×
°
−
=
°
1
2
OUT
1
OUT
2
OUT
OUT
T
T
C
25
V
T
V
T
V
C
ppm
TCV
where:
VOUT
(25°C) = VOUT at 25°C.
VOUT
(T1) = VOUT at Temperature 1.
VOUT
(T2) = VOUT at Temperature 2.
Line Regulation
The change in output voltage due to a specified change in input
voltage. It includes the effects of self-heating. Line regulation is
expressed in either percent per volt, parts per million per volt,
or microvolts per volt change in input voltage.
Load Regulation
The change in output voltage due to a specified change in load
current. It includes the effects of self-heating. Load regulation is
expressed in either microvolts per milliampere, parts per
million per milliampere, or ohms of dc output resistance.
Long-Term Stability
Typical shift of output voltage at 25°C on a sample of parts
subjected to operation life test of 1000 hours at 125°C.
()
()
1
OUT
0
OUT
OUT
t
V
t
V
V
−
=
Δ
()
()
()
()
6
10
×
−
=
Δ
0
OUT
1
OUT
0
OUT
OUT
t
V
t
V
t
V
ppm
V
where:
VOUT
(t0) = VOUT at 25°C at Time 0.
VOUT
(t1) = VOUT at 25°C after 1000 hours operation at 125°C.
Thermal Hysteresis
The change of output voltage after the device is cycled through
temperatures from +25°C to −40°C to +125°C and back to
+25°C. This is a typical value from a sample of parts put
through such a cycle.
(
)
TC
OUT
OUT
HYS
OUT
V
C
25
V
V
_
_
−
°
=
()
()
()
6
_
_
10
×
°
−
°
=
C
25
V
V
C
25
V
ppm
V
OUT
TC
OUT
OUT
HYS
OUT
where:
VOUT
(25°C) = VOUT at 25°C.
VOUT_TC
= VOUT at 25 °C after temperature cycle at +25°C to
−40°C to +125°C and back to +25°C.
Input Capacitor
Input capacitors are not required on the ADR42x. There is
no limit for the value of the capacitor used on the input, but a
1 μF to 10 μF capacitor on the input improves transient response
in applications where the supply suddenly changes. An addi-
tional 0.1 μF capacitor in parallel also helps to reduce noise
from the supply.
Output Capacitor
The ADR42x do not need output capacitors for stability under
any load condition. An output capacitor, typically 0.1 μF, filters
out any low level noise voltage and does not affect the operation
of the part. On the other hand, the load transient response can
be improved with an additional 1 μF to 10 μF output capacitor
in parallel. A capacitor here acts as a source of stored energy for
sudden increase in load current. The only parameter that
degrades by adding an output capacitor is the turn-on time,
which depends on the size of the selected capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com