Electronic Components Datasheet Search
  English  ▼

X  

ADR423ARZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADR423ARZ
Description  Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR423ARZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADR423ARZ Datasheet HTML 16Page - Analog Devices ADR423ARZ Datasheet HTML 17Page - Analog Devices ADR423ARZ Datasheet HTML 18Page - Analog Devices ADR423ARZ Datasheet HTML 19Page - Analog Devices ADR423ARZ Datasheet HTML 20Page - Analog Devices ADR423ARZ Datasheet HTML 21Page - Analog Devices ADR423ARZ Datasheet HTML 22Page - Analog Devices ADR423ARZ Datasheet HTML 23Page - Analog Devices ADR423ARZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADR420/ADR421/ADR423/ADR425
Rev. I | Page 20 of 24
PRECISION VOLTAGE REFERENCE FOR DATA
CONVERTERS
PRECISION BOOSTED OUTPUT REGULATOR
A precision voltage output with boosted current capability
can be realized with the circuit shown in Figure 49. In this
circuit, U2 forces VOUT to be equal to VREF by regulating the turn
on of N1. Therefore, the load current is furnished by VIN. In
this configuration, a 50 mA load is achievable at VIN of 5 V.
Moderate heat is generated on the MOSFET, and higher current
can be achieved by replacing the larger device. In addition, for
a heavy capacitive load with step input, a buffer may be added
at the output to enhance the transient response.
The ADR42x family has a number of features that make it ideal
for use with ADCs and DACs. The exceptionally low noise,
tight temperature coefficient, and high accuracy characteristics
make the ADR42x ideal for low noise applications such as
cellular base station applications.
AD7701 is an example of an ADC that is well suited for the
ADR42x. The ADR421 is used as the precision reference for
the converter in Figure 48. The AD7701 is a 16-bit ADC with
on-chip digital filtering intended for measuring wide dynamic
range and low frequency signals, such as those representing
chemical, physical, or biological processes. It contains a charge-
balancing (Σ-Δ) ADC, calibration microcontroller with on-chip
static RAM, clock oscillator, and serial communications port.
VIN
VOUT
RL
25Ω
N1
5
6
U1
2
4
U2
AD8601
5V
2N7002
V+
V–
+
–
ADR421
VIN
VOUT
TRIM
GND
AD7701
ADR420/
ADR421/
ADR423/
ADR425
VIN
AVDD
DVDD
SLEEP
MODE
DRDY
CS
SCLK
SDATA
DATA READY
READ (TRANSMIT)
SERIAL CLOCK
SERIAL CLOCK
CLKIN
CLKOUT
SC1
SC2
DGND
DVSS
VREF
BP/UP
CAL
AIN
AGND
AVSS
0.1µF
0.1µF
10µF
+5V
ANALOG
SUPPLY
RANGES
SELECT
CALIBRATE
ANALOG
INPUT
ANALOG
GROUND
–5V
ANALOG
SUPPLY
GND
VOUT
0.1µF
0.1µF
0.1µF
0.1µF
10µF
Figure 49. Precision Boosted Output Regulator
Figure 48. Voltage Reference for 16-Bit ADC AD7701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com