Electronic Components Datasheet Search
  English  ▼

X  

TMP37FT9 Datasheet(PDF) 5 Page - Analog Devices

Part # TMP37FT9
Description  Low Voltage Temperature Sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP37FT9 Datasheet(HTML) 5 Page - Analog Devices

  TMP37FT9 Datasheet HTML 1Page - Analog Devices TMP37FT9 Datasheet HTML 2Page - Analog Devices TMP37FT9 Datasheet HTML 3Page - Analog Devices TMP37FT9 Datasheet HTML 4Page - Analog Devices TMP37FT9 Datasheet HTML 5Page - Analog Devices TMP37FT9 Datasheet HTML 6Page - Analog Devices TMP37FT9 Datasheet HTML 7Page - Analog Devices TMP37FT9 Datasheet HTML 8Page - Analog Devices TMP37FT9 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TMP35/TMP36/TMP37
Rev. F | Page 5 of 20
TEMPERATURE (°C)
–50
TYPICAL PERFORMANCE CHARACTERISTICS
0
50
100
150
50
30
20
10
0
40
TEMPERATURE (°C)
0.4
0.3
0
–50
125
–25
0
25
50
75
100
0.2
0.1
+VS = 3V TO 5.5V, NO LOAD
FREQUENCY (Hz)
100.000
0.010
20
100k
100
1k
10k
Figure 5. Load Regulation vs. Temperature (m°C/μA)
TEMPERATURE (°C)
1.4
0
1.2
1.0
0.8
0.6
0.4
0.2
1.6
1.8
2.0
–50
–25
0
25
50
75
100
125
a
b
c
a. TMP35
b. TMP36
c. TMP37
+VS = 3V
Figure 6. Output Voltage vs. Temperature
a. MAXIMUM LIMIT (G GRADE)
b. TYPICAL ACCURACY ERROR
c. MINIMUM LIMIT (G GRADE)
TEMPERATURE (
°C)
2
–5
1
0
–1
–2
–3
–4
3
4
5
0
20
40
60
80
100
120
140
a
b
c
Figure 7. Accuracy Error vs. Temperature
Figure 8. Power Supply Rejection vs. Temperature
31.600
10.000
3.160
1.000
0.320
0.100
0.032
Figure 9. Power Supply Rejection vs. Frequency
TEMPERATURE (
°C)
4
3
0
2
1
5
–50
125
–25
0
25
50
75
100
b
a
MINIMUM SUPPLY VOLTAGE REQUIRED TO MEET
DATA SHEET SPECIFICATION
NO LOAD
a. TMP35/TMP36
b. TMP37
Figure 10. Minimum Supply Voltage vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com