Electronic Components Datasheet Search
  English  ▼

X  

TMP37FT9 Datasheet(PDF) 16 Page - Analog Devices

Part # TMP37FT9
Description  Low Voltage Temperature Sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP37FT9 Datasheet(HTML) 16 Page - Analog Devices

Back Button TMP37FT9 Datasheet HTML 12Page - Analog Devices TMP37FT9 Datasheet HTML 13Page - Analog Devices TMP37FT9 Datasheet HTML 14Page - Analog Devices TMP37FT9 Datasheet HTML 15Page - Analog Devices TMP37FT9 Datasheet HTML 16Page - Analog Devices TMP37FT9 Datasheet HTML 17Page - Analog Devices TMP37FT9 Datasheet HTML 18Page - Analog Devices TMP37FT9 Datasheet HTML 19Page - Analog Devices TMP37FT9 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
TMP35/TMP36/TMP37
Rev. F | Page 16 of 20
VOUT
4
6
7
1µF
R5
100kΩ
VOUT
RL
250Ω
VLOOP
9V TO 18V
3
2
D1: HP5082-2810
REF193
TMP3x
R7
100Ω
R31
R11
+VS
R21
P21
4mA
ADJUST
D1
R41
R6
100kΩ
P11
20mA
ADJUST
GND
Q1
2N1711
0.1µF
2
4
6
3V
IL
NOTE:
1 SEE TEXT FOR VALUES.
–
+
+
OP193
Figure 33. Temperature to 4–20 mA Loop Transmitter
TEMPERATURE-TO-FREQUENCY CONVERTER
Another common method of transmitting analog information
from a remote location is to convert a voltage to an equivalent
value in the frequency domain. This is readily done with any of
the low cost, monolithic voltage-to-frequency converters (VFCs)
available. These VFCs feature a robust, open-collector output
transistor for easy interfacing to digital circuitry. The digital
signal produced by the VFC is less susceptible to contamination
from external noise sources and line voltage drops because the
only important information is the frequency of the digital sig-
nal. When the conversions between temperature and frequency
are done accurately, the temperature data from the sensors can
be reliably transmitted.
The circuit in Figure 34 illustrates a method by which the
outputs of these temperature sensors can be converted to a
frequency using the AD654. The output signal of the AD654 is
a square wave that is proportional to the dc input voltage across
Pin 4 and Pin 3. The transfer equation of the circuit is given by
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
−
=
)
(
10
T
T
OFFSET
TPM
OUT
C
R
V
V
f
TMP3x
+VS
GND
6
4
2
3
7
8
5
1
AD654
VOUT
10µF/0.1µF
5V
P2
100kΩ
ROFF1
470Ω
fOUT
OFFSET
ROFF2
10Ω
R1
P1
RT1
0.1µF
CT1
5V
RPU
5kΩ
fOUT
NB: ATTA (MIN), fOUT = 0Hz
NOTE:
1RT AND CT – SEE TABLE
SENSOR RT (R1 + P1)
CT
TMP35
TMP36
TMP37
11.8kΩ + 500Ω
16.2kΩ + 500Ω
18.2kΩ + 1kΩ
1.7nF
1.8nF
2.1nF
Figure 34. Temperature-to-Frequency Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com