Electronic Components Datasheet Search
  English  ▼

X  

TMP37FT9 Datasheet(PDF) 1 Page - Analog Devices

Part # TMP37FT9
Description  Low Voltage Temperature Sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP37FT9 Datasheet(HTML) 1 Page - Analog Devices

  TMP37FT9 Datasheet HTML 1Page - Analog Devices TMP37FT9 Datasheet HTML 2Page - Analog Devices TMP37FT9 Datasheet HTML 3Page - Analog Devices TMP37FT9 Datasheet HTML 4Page - Analog Devices TMP37FT9 Datasheet HTML 5Page - Analog Devices TMP37FT9 Datasheet HTML 6Page - Analog Devices TMP37FT9 Datasheet HTML 7Page - Analog Devices TMP37FT9 Datasheet HTML 8Page - Analog Devices TMP37FT9 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Low Voltage Temperature Sensors
TMP35/TMP36/TMP37
Rev. F
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1996–2010 Analog Devices, Inc. All rights reserved.
FEATURES
Low voltage operation (2.7 V to 5.5 V)
Calibrated directly in °C
10 mV/°C scale factor (20 mV/°C on TMP37)
±2°C accuracy over temperature (typ)
±0.5°C linearity (typ)
Stable with large capacitive loads
Specified −40°C to +125°C, operation to +150°C
Less than 50 μA quiescent current
Shutdown current 0.5 μA max
Low self-heating
Qualified for automotive applications
APPLICATIONS
Environmental control systems
Thermal protection
Industrial process control
Fire alarms
Power system monitors
CPU thermal management
GENERAL DESCRIPTION
The TMP35/TMP36/TMP37 are low voltage, precision centi-
grade temperature sensors. They provide a voltage output that
is linearly proportional to the Celsius (centigrade) temperature.
The TMP35/ TMP36/TMP37 do not require any external
calibration to provide typical accuracies of ±1°C at +25°C
and ±2°C over the −40°C to +125°C temperature range.
The low output impedance of the TMP35/TMP36/TMP37 and
its linear output and precise calibration simplify interfacing to
temperature control circuitry and ADCs. All three devices are
intended for single-supply operation from 2.7 V to 5.5 V maxi-
mum. The supply current runs well below 50 μA, providing
very low self-heating—less than 0.1°C in still air. In addition, a
shutdown function is provided to cut the supply current to less
than 0.5 μA.
FUNCTIONAL BLOCK DIAGRAM
+VS (2.7V TO 5.5V)
VOUT
SHUTDOWN
TMP35/
TMP36/
TMP37
Figure 1.
PIN CONFIGURATIONS
1
2
3
5
4
TOP VIEW
(Not to Scale)
NC = NO CONNECT
VOUT
SHUTDOWN
GND
NC
+VS
Figure 2. RJ-5 (SOT-23)
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
NC = NO CONNECT
VOUT
SHUTDOWN
NC
NC
+VS
NC
NC
GND
Figure 3. R-8 (SOIC_N)
1
3
2
BOTTOM VIEW
(Not to Scale)
PIN 1, +VS; PIN 2, VOUT; PIN 3, GND
Figure 4. T-3 (TO-92)
The TMP35 is functionally compatible with the LM35/LM45
and provides a 250 mV output at 25°C. The TMP35 reads
temperatures from 10°C to 125°C. The TMP36 is specified from
−40°C to +125°C, provides a 750 mV output at 25°C, and
operates to 125°C from a single 2.7 V supply. The TMP36 is
functionally compatible with the LM50. Both the TMP35 and
TMP36 have an output scale factor of 10 mV/°C.
The TMP37 is intended for applications over the range of 5°C
to 100°C and provides an output scale factor of 20 mV/°C. The
TMP37 provides a 500 mV output at 25°C. Operation extends
to 150°C with reduced accuracy for all devices when operating
from a 5 V supply.
The TMP35/TMP36/TMP37 are available in low cost 3-lead
TO-92, 8-lead SOIC_N, and 5-lead SOT-23 surface-mount
packages.


Similar Part No. - TMP37FT9

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMP37FT9 AD-TMP37FT9 Datasheet
476Kb / 16P
Low Voltage Temperature Sensors
10/02-Data Sheet changed from REV. B to REV. C.
More results

Similar Description - TMP37FT9

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMP35 AD-TMP35 Datasheet
476Kb / 16P
Low Voltage Temperature Sensors
10/02-Data Sheet changed from REV. B to REV. C.
logo
Maxim Integrated Produc...
MAX6607 MAXIM-MAX6607 Datasheet
135Kb / 6P
Low-Voltage Analog Temperature Sensors in SC70 and SOT23 Packages
Rev 1; 6/01
MAX6676 MAXIM-MAX6676 Datasheet
162Kb / 7P
Low-Voltage, 1.8kHz PWM Output Temperature Sensors
Rev 1; 1/03
logo
Honeywell Solid State E...
HIH-5030 HONEYWELL-HIH-5030 Datasheet
190Kb / 8P
LOW VOLTAGE HUMIDITY SENSORS
logo
NXP Semiconductors
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
logo
Analog Devices
TMP35 AD-TMP35_15 Datasheet
367Kb / 20P
Low Voltage Temperature Sensors
Rev. G
TMP36 AD-TMP36_15 Datasheet
367Kb / 20P
Low Voltage Temperature Sensors
Rev. G
TMP37 AD-TMP37_15 Datasheet
367Kb / 20P
Low Voltage Temperature Sensors
Rev. G
logo
All Sensors Corporation
DS-0274 ASC-DS-0274 Datasheet
1Mb / 16P
Low Voltage Pressure Sensors
logo
Maxim Integrated Produc...
MAX6676 MAXIM-MAX6676_V01 Datasheet
1Mb / 7P
Low-Voltage, 1.8kHz PWM Output Temperature Sensors
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com