Electronic Components Datasheet Search
  English  ▼

X  

AD8236 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8236
Description  40 關A Micropower Instrumentation Amplifier with Zero Crossover Distortion
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8236 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8236 Datasheet HTML 8Page - Analog Devices AD8236 Datasheet HTML 9Page - Analog Devices AD8236 Datasheet HTML 10Page - Analog Devices AD8236 Datasheet HTML 11Page - Analog Devices AD8236 Datasheet HTML 12Page - Analog Devices AD8236 Datasheet HTML 13Page - Analog Devices AD8236 Datasheet HTML 14Page - Analog Devices AD8236 Datasheet HTML 15Page - Analog Devices AD8236 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD8236
Rev. 0 | Page 12 of 20
00.2
0.8
0.6
0.4
1.0
1.2
1.4
1.6
1.8
1.8
0
0.2
–0.2
2.0
OUTPUT VOLTAGE (V)
1.6
1.2
1.4
1.0
0.6
0.8
0.4
(0.03V, 1.533V)
(0.03V, 0.103V)
(1.75V, 0.275V)
(1.75V, 1.705V)
Figure 23. Input Common-Mode Voltage Range vs. Output Voltage,
G = 200, VS = 1.8 V, VREF = 0.9 V
+VS
–VS
1.8
SUPPLY VOLTAGE (V)
–0.001
–0.002
–0.003
+0.002
+0.003
+0.001
2.3
2.8
3.3
3.8
4.3
4.8
–40°C
+25°C
+85°C
+125°C
–40°C
+25°C
+85°C
+125°C
Figure 24. Output Voltage Swing vs. Supply Voltage,
VS = ±0.9 V, ±2.5 V, VREF = 0 V, RL = 100 kΩ Tied to −VS
+VS
–VS
1k
100k
RLOAD (Ω)
10k
–0.1
+0.001
+0.002
+0.003
–0.2
–0.3
+25°C
+85°C
+125°C
–40°C
+125°C
+25°C
+85°C
–40°C
Figure 25. Output Voltage Swing vs. Load Resistance,
VS = ±0.9 V, ±2.5 V, VREF = 0 V, RL = 100 kΩ Tied to −VS
1ms/DIV
444μs TO 0.01%
Figure 26. Large Signal Pulse Response and Settling Time,
VS = ±2.5 V, VREF = 0 V, RL = 10 kΩ to VREF
1ms/DIV
143.2μs TO 0.01%
Figure 27. Large Signal Pulse Response and Settling Time,
VS = ±0.9 V, VREF = 0 V, RL = 10 kΩ to VREF
100µs/DIV
Figure 28. Small Signal Pulse Response, G = 5,
VS = ±2.5 V, VREF = 0 V, RL = 100 kΩ to VREF, CL = 100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com