Electronic Components Datasheet Search
  English  ▼

X  

AD8236 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8236
Description  40 關A Micropower Instrumentation Amplifier with Zero Crossover Distortion
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8236 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8236 Datasheet HTML 12Page - Analog Devices AD8236 Datasheet HTML 13Page - Analog Devices AD8236 Datasheet HTML 14Page - Analog Devices AD8236 Datasheet HTML 15Page - Analog Devices AD8236 Datasheet HTML 16Page - Analog Devices AD8236 Datasheet HTML 17Page - Analog Devices AD8236 Datasheet HTML 18Page - Analog Devices AD8236 Datasheet HTML 19Page - Analog Devices AD8236 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD8236
Rev. 0 | Page 16 of 20
R
R
1
fHIGH-PASS = 2πRC
TRANSFORMER
AC-COUPLED
REF
C
–VS
+VS
AD8236
REF
–VS
+VS
AD8236
TRANSFORMER
AC-COUPLED
REF
C
–VS
+VS
AD8236
REF
–VS
+VS
AD8236
Figure 38. Creating an IBIAS Path
INPUT BIAS CURRENT RETURN PATH
The AD8236 input bias current is extremely small at less than
10 pA. Nonetheless, the input bias current must have a return
path to common. When the source, such as a transformer,
cannot provide a return current path, one should be created
(see Figure 38).
INPUT PROTECTION
All terminals of the AD8236 are protected against ESD. In
addition, the input structure allows for dc overload conditions
a diode drop above the positive supply and a diode drop below
the negative supply. Voltages beyond a diode drop of the supplies
cause the ESD diodes to conduct and enable current to flow
through the diode. Therefore, an external resistor should be
used in series with each of the inputs to limit current for
voltages above +VS. In either scenario, the AD8236 safely
handles a continuous 6 mA current at room temperature.
For applications where the AD8236 encounters extreme
overload voltages, as in cardiac defibrillators, external series
resistors and low leakage diode clamps, such as BAV199Ls,
FJH1100s, or SP720s, should be used.
RF INTERFERENCE
RF rectification is often a problem in applications where there are
large RF signals. The problem appears as a small dc offset voltage.
The AD8236, by its nature, has a 3.1 pF gate capacitance, CG, at
each input. Matched series resistors form a natural low-pass filter
that reduces rectification at high frequency (see Figure 39). The
relationship between external, matched series resistors and the
internal gate capacitance is expressed as
G
DIFF
RC
FilterFreq
π
2
1
=
G
CM
RC
FilterFreq
π
2
1
=
AD8236
VOUT
REF
–VS
CG
CG
–VS
+VS
–VS
R
R
+IN
–IN
0.1µF
10µF
0.1µF
10µF
Figure 39. RFI Filtering Without External Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com