Electronic Components Datasheet Search
  English  ▼

X  

AD8236 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8236
Description  40 關A Micropower Instrumentation Amplifier with Zero Crossover Distortion
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8236 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8236 Datasheet HTML 12Page - Analog Devices AD8236 Datasheet HTML 13Page - Analog Devices AD8236 Datasheet HTML 14Page - Analog Devices AD8236 Datasheet HTML 15Page - Analog Devices AD8236 Datasheet HTML 16Page - Analog Devices AD8236 Datasheet HTML 17Page - Analog Devices AD8236 Datasheet HTML 18Page - Analog Devices AD8236 Datasheet HTML 19Page - Analog Devices AD8236 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD8236
Rev. 0 | Page 17 of 20
To eliminate high frequency common-mode signals while using
smaller source resistors, a low-pass RC network can be placed
at the input of the instrumentation amplifier (see Figure 40).
The filter limits the input signal bandwidth according to the
following relationship:
)
2
(
π
2
1
G
C
D
DIFF
C
C
C
R
FilterFreq
+
+
=
)
(
π
2
1
G
C
CM
C
C
R
FilterFreq
+
=
Mismatched CC capacitors result in mismatched low-pass filters.
The imbalance causes the AD8236 to treat what would have been
a common-mode signal as a differential signal. To reduce the
effect of mismatched external CC capacitors, select a value of CD
greater than 10 times CC. This sets the differential filter frequency
lower than the common-mode frequency.
R
R
AD8236
+VS
–IN
+IN
10µF
0.1µF
VOUT
REF
CC
CC
CD
1nF
1nF
10nF
4.02kΩ
4.02kΩ
Figure 40. RFI Suppression
COMMON-MODE INPUT VOLTAGE RANGE
The common-mode input voltage range is a function of the
input voltages, reference voltage, supplies, and the output of
Internal Op Amp A. Figure 34 shows the internal nodes of the
AD8236. Figure 20 to Figure 23 show the common-mode
voltage ranges for typical supply voltages and gains.
If the supply voltages and reference voltage is not represented in
Figure 20 to Figure 23, the following methodology can be used
to calculate the acceptable common-mode voltage range:
1.
Adhere to the input, output, and reference voltage ranges
shown in Table 2 and Table 3.
2.
Calculate the output of the internal op amp, A. The following
equation calculates this output:
4
R
kΩ
52.5
2
4
5
G
REF
DIFF
DIFF
CM
V
V
V
V
A
−
−
⎟
⎠
⎞
⎜
⎝
⎛
−
=
where:
VDIFF is defined as the difference in input voltages,
VDIFF = VINP − VINM.
VCM is defined as the common mode voltage,
VCM = (VINP + VINM)/2.
If no gain setting resistor, RG, is installed, set RG to infinity.
3.
Keep A within 10 mV of either supply rail. This is valid over
the −40°C to +125°C temperature range.
−VS + 10 mV < A < +VS – 10 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com