Electronic Components Datasheet Search
  English  ▼

X  

MPX10 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPX10
Description  0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX10 Datasheet(HTML) 4 Page - Motorola, Inc

  MPX10 Datasheet HTML 1Page - Motorola, Inc MPX10 Datasheet HTML 2Page - Motorola, Inc MPX10 Datasheet HTML 3Page - Motorola, Inc MPX10 Datasheet HTML 4Page - Motorola, Inc MPX10 Datasheet HTML 5Page - Motorola, Inc MPX10 Datasheet HTML 6Page - Motorola, Inc MPX10 Datasheet HTML 7Page - Motorola, Inc MPX10 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MPX10 SERIES
4
Motorola Sensor Device Data
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Motorola designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing silicone gel which
isolates the die from the environment. The Motorola MPX
pressure sensor is designed to operate with positive differen-
tial pressure applied, P1 > P2.
The Pressure (P1) side may be identified by using the table
below:
Part Number
Case Type
Pressure (P1) Side Identifier
MPX10D
344–15C
Stainless Steel Cap
MPX10DP
344C–01
Side with Part Marking
MPX10GP
344B–01
Side with Port Attached
MPX10GVP
344D–01
Stainless Steel Cap
MPX10GS
344E–01
Side with Port Attached
MPX10GSX
344F–01
Side with Port Attached
ORDERING INFORMATION
MPX10 series pressure sensors are available in differential and gauge configurations. Devices are available in the basic
element package or with pressure port fittings which provide printed circuit board mounting ease and barbed hose pressure
connections.
Di
T
Oi
CT
MPX Series
Device Type
Options
Case Type
Order Number
Device Marking
Basic Element
Differential
Case 344–15
MPX10D
MPX10D
Ported Elements
Differential
Case 344C–01
MPX10DP
MPX10DP
Gauge
Case 344B–01
MPX10GP
MPX10GP
Gauge Vacuum
Case 344D–01
MPX10GVP
MPX10GVP
Gauge Stove Pipe
Case 344E–01
MPX10GS
MPX10D
Gauge Axial
Case 344F–01
MPX10GSX
MPX10D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com