Electronic Components Datasheet Search
  English  ▼

X  

MPX10 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPX10
Description  0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX10 Datasheet(HTML) 1 Page - Motorola, Inc

  MPX10 Datasheet HTML 1Page - Motorola, Inc MPX10 Datasheet HTML 2Page - Motorola, Inc MPX10 Datasheet HTML 3Page - Motorola, Inc MPX10 Datasheet HTML 4Page - Motorola, Inc MPX10 Datasheet HTML 5Page - Motorola, Inc MPX10 Datasheet HTML 6Page - Motorola, Inc MPX10 Datasheet HTML 7Page - Motorola, Inc MPX10 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola Sensor Device Data
10 kPa
Uncompensated
Silicon Pressure Sensors
The MPX10 series device is a silicon piezoresistive pressure sensor providing a very
accurate and linear voltage output — directly proportional to the applied pressure. This
standard, low cost, uncompensated sensor permits manufacturers to design and add
their own external temperature compensating and signal conditioning networks.
Compensation techniques are simplified because of the predictability of Motorola’s single
element strain gauge design.
Features
• Low Cost
• Patented Silicon Shear Stress Strain Gauge Design
• Ratiometric to Supply Voltage
• Easy to Use Chip Carrier Package Options
• Differential and Gauge Options
Application Examples
• Air Movement Control
• Environmental Control Systems
• Level Indicators
• Leak Detection
• Medical Instrumentation
• Industrial Controls
• Pneumatic Control Systems
• Robotics
Figure 1 shows a schematic of the internal circuitry on the stand–alone pressure
sensor chip.
Figure 1. Uncompensated Pressure Sensor Schematic
PIN 3
X–ducer
PIN 2
PIN 4
+ Vout
– Vout
+ VS
PIN 1
VOLTAGE OUTPUT versus APPLIED DIFFERENTIAL PRESSURE
The differential voltage output of the X–ducer is directly proportional to the differential
pressure applied.
The output voltage of the differential or gauge sensor increases with increasing
pressure applied to the pressure side (P1) relative to the vacuum side (P2). Similarly,
output voltage increases as increasing vacuum is applied to the vacuum side (P2)
relative to the pressure side (P1).
Senseon and X–ducer are trademarks of Motorola, Inc.
Order this document
by MPX10/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1997
MPX10
SERIES
0 to 10 kPa (0 – 1.45 psi)
35 mV FULL SCALE SPAN
(TYPICAL)
NOTE: Pin 1 is the notched pin.
PIN NUMBER
BASIC CHIP
CARRIER ELEMENT
CASE 344–15, STYLE 1
DIFFERENTIAL
PORT OPTION
CASE 344C–01, STYLE 1
1
2
Gnd
+Vout
3
4
VS
–Vout
REV 5


Similar Part No. - MPX10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX10 FREESCALE-MPX10 Datasheet
228Kb / 9P
10 kPa Uncompensated Silicon Pressure Sensors
MPX10 FREESCALE-MPX10 Datasheet
129Kb / 9P
10 kPa Uncompensated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX10 NXP-MPX10 Datasheet
170Kb / 9P
10 kPa Uncompensated Silicon Pressure Sensors
Rev 14, 10/2008
logo
Motorola, Inc
MPX100 MOTOROLA-MPX100 Datasheet
157Kb / 8P
100kPa Uncompensated Silicon Pressure Sensors
MPX100A MOTOROLA-MPX100A Datasheet
157Kb / 8P
100kPa Uncompensated Silicon Pressure Sensors
More results

Similar Description - MPX10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX12 MOTOROLA-MPX12 Datasheet
158Kb / 8P
0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
MPX200 MOTOROLA-MPX200 Datasheet
179Kb / 8P
0 to 200 kPa (0-29 psi) 60 mV FULL SCALE SPAN (TYPICAL)
MPX2100 MOTOROLA-MPX2100 Datasheet
194Kb / 10P
0 to 100 kPa (0 to 14.5 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX2200 MOTOROLA-MPX2200 Datasheet
171Kb / 8P
0 to 200 kPa (0 to 29 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX2700 MOTOROLA-MPX2700 Datasheet
190Kb / 10P
0 to 700 kPa (0 to 100 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX50 MOTOROLA-MPX50 Datasheet
187Kb / 10P
0 to 50 kPa (0-7.25 psi) 60 mV FULL SCALE SPAN (TYPICAL)
MPX700 MOTOROLA-MPX700 Datasheet
175Kb / 8P
0 to 700 kPa (0-100 psi) 60 mV FULL SCALE SPAN (TYPICAL)
MPX7050 MOTOROLA-MPX7050 Datasheet
191Kb / 10P
0 to 50 kPa (0 to 7.25 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX7200 MOTOROLA-MPX7200 Datasheet
179Kb / 8P
0 to 200 kPa (0 to 29 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPXL10 MOTOROLA-MPXL10 Datasheet
93Kb / 4P
0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com