Electronic Components Datasheet Search
  English  ▼

X  

MPX10 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MPX10
Description  0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX10 Datasheet(HTML) 7 Page - Motorola, Inc

  MPX10 Datasheet HTML 1Page - Motorola, Inc MPX10 Datasheet HTML 2Page - Motorola, Inc MPX10 Datasheet HTML 3Page - Motorola, Inc MPX10 Datasheet HTML 4Page - Motorola, Inc MPX10 Datasheet HTML 5Page - Motorola, Inc MPX10 Datasheet HTML 6Page - Motorola, Inc MPX10 Datasheet HTML 7Page - Motorola, Inc MPX10 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MPX10 SERIES
7
Motorola Sensor Device Data
PACKAGE DIMENSIONS — CONTINUED
STYLE 1:
PIN 1. GROUND
2. + OUTPUT
3. + SUPPLY
4. – OUTPUT
S
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.690
0.720
17.53
18.28
B
0.245
0.255
6.22
6.48
C
0.780
0.820
19.81
20.82
D
0.016
0.020
0.41
0.51
F
0.048
0.064
1.22
1.63
G
0.100 BSC
2.54 BSC
J
0.014
0.016
0.36
0.41
K
0.345
0.375
8.76
9.53
N
0.300
0.310
7.62
7.87
R
0.178
0.186
4.52
4.72
S
V
0.182
0.194
4.62
4.93
BACK SIDE
VACUUM
PIN 1
4 PL
PORT #1
POSITIVE
PRESSURE
4
SEATING
PLANE
32 1
K
A
G
F
D
M
B
M
0.13 (0.005)
T
C
N
R
V
J
–B–
–T–
0.220
0.240
5.59
6.10
(P1)
(P2)
CASE 344E–01
ISSUE B
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
STYLE 1:
PIN 1. GROUND
2. V (+) OUT
3. V SUPPLY
4. V (–) OUT
E
C
J
V
–T–
PORT #1
POSITIVE
PRESSURE
PIN 1
4 PL
D
–P–
G
K
M
Q
M
0.25 (0.010)
T
U
A
F
S
N
B
S
P
M
0.13 (0.005)
Q S
T
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
1.080
1.120
27.43
28.45
B
0.740
0.760
18.80
19.30
C
0.630
0.650
16.00
16.51
D
0.016
0.020
0.41
0.51
E
0.160
0.180
4.06
4.57
F
0.048
0.064
1.22
1.63
G
0.100 BSC
2.54 BSC
J
0.014
0.016
0.36
0.41
K
N
0.070
0.080
1.78
2.03
P
0.150
0.160
3.81
4.06
Q
0.150
0.160
3.81
4.06
R
0.440
0.460
11.18
11.68
S
0.695
0.725
17.65
18.42
U
0.840
0.860
21.34
21.84
V
0.182
0.194
4.62
4.92
–Q–
R
43
2
1
0.220
0.240
5.59
6.10
(P1)
CASE 344F–01
ISSUE B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com