Electronic Components Datasheet Search
  English  ▼

X  

OPA602AP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA602AP
Description  High-Speed Precision Difet OPERATIONAL AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA602AP Datasheet(HTML) 5 Page - Texas Instruments

  OPA602AP Datasheet HTML 1Page - Texas Instruments OPA602AP Datasheet HTML 2Page - Texas Instruments OPA602AP Datasheet HTML 3Page - Texas Instruments OPA602AP Datasheet HTML 4Page - Texas Instruments OPA602AP Datasheet HTML 5Page - Texas Instruments OPA602AP Datasheet HTML 6Page - Texas Instruments OPA602AP Datasheet HTML 7Page - Texas Instruments OPA602AP Datasheet HTML 8Page - Texas Instruments OPA602AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
OPA602
5
SBOS155A
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C and VS = ±15VDC, unless otherwise noted.
GAIN BANDWIDTH AND SLEW RATE
vs TEMPERATURE
10
–75
Ambient Temperature (
°C)
8
6
4
2
–50
–25
0
25
50
75
100
125
37
35
33
31
29
GBW
Slew Rate
GAIN BANDWIDTH AND SLEW RATE
vs SUPPLY VOLTAGE
8
0
Supply Voltage (
±V
CC)
5
5
101520
38
32
7
6
36
34
A
V = –1
GBW
Slew Rate
OPEN-LOOP GAIN vs TEMPERATURE
120
–75
Ambient Temperature (
°C)
110
100
90
80
–50
–25
0
25
50
75
100
125
MAXIMUM OUTPUT VOLTAGE SWING
vs FREQUENCY
30
10k
100k
1M
10M
Frequency (Hz)
20
10
0
R
L = 1kΩ
LARGE-SIGNAL TRANSIENT RESPONSE
Time (
µs)
10
0
–10
01
2
345
SMALL-SIGNAL TRANSIENT RESPONSE
Time (
µs)
150
100
50
0
–50
–100
–150
02
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com