Electronic Components Datasheet Search
  English  ▼

X  

OPA602AP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA602AP
Description  High-Speed Precision Difet OPERATIONAL AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA602AP Datasheet(HTML) 3 Page - Texas Instruments

  OPA602AP Datasheet HTML 1Page - Texas Instruments OPA602AP Datasheet HTML 2Page - Texas Instruments OPA602AP Datasheet HTML 3Page - Texas Instruments OPA602AP Datasheet HTML 4Page - Texas Instruments OPA602AP Datasheet HTML 5Page - Texas Instruments OPA602AP Datasheet HTML 6Page - Texas Instruments OPA602AP Datasheet HTML 7Page - Texas Instruments OPA602AP Datasheet HTML 8Page - Texas Instruments OPA602AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
OPA602
3
SBOS155A
www.ti.com
ELECTRICAL CHARACTERISTICS
At VS = ±15VDC and TA = +25°C, unless otherwise noted.
✻ Same specifications as OPA602BP.
NOTE: (1) OPA602AP, AU ensured by design with a 99% confidence level.
OPA602BP
OPA602AP, AU
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT NOISE
Voltage:
fO = 10Hz
23
✻
nV/√Hz
fO = 100Hz
19
✻
nV/√Hz
fO = 1kHz
13
✻
nV/√Hz
fO = 10kHz
12
✻
nV/√Hz
fB = 10Hz to 10kHz
1.4
✻
µVrms
fB = 0.1Hz to 10Hz
0.95
✻
µVp-p
Current:
fB = 0.1Hz to 10Hz
12
✻
fAp-p
fO = 0.1Hz to 20kHz
0.6
✻
fA/√Hz
OFFSET VOLTAGE
Input Offset Voltage:
P Package
0.5
1
1
2
mV
U Package
13
mV
Over Specified Temperature
P, U Packages
±0.75
±1.5
±1.5
mV
Average Drift(1)
TA = TMIN to TMAX
±3
±5
✻
±15
µV/°C
Supply Rejection
±V
S = 12V to 18V
80
100
70
✻
dB
BIAS CURRENT
Input Bias Current
VCM = 0VDC
±1
±2
±2
±10
pA
Over Specified Temperature
±20
±200
±20
±500
pA
OFFSET CURRENT
Input Offset Current
VCM = 0VDC
0.5
2
1
10
pA
Over Specified Temperature
20
200
20
500
pA
INPUT IMPEDANCE
Differential
1013 || 1
✻
Ω || pF
Common-Mode
1014 || 3
✻
Ω || pF
INPUT VOLTAGE RANGE
Common-Mode Input Range
±10.2
+13, –11
✻✻
V
Common-Mode Rejection
VIN = ±10VDC
88
100
75
✻
dB
OPEN-LOOP GAIN, DC
Open-Loop Voltage Gain
RL ≥ 1kΩ
88
100
75
✻
dB
FREQUENCY RESPONSE
Gain Bandwidth
Gain = 100
4
6.5
3.5
✻
MHz
Full-Power Response
20Vp-p, RL = 1kΩ
570
✻
kHz
Slew Rate
VO = ±10V, RL = 1kΩ
24
35
20
✻
V/
µs
Settling Time:
0.1%
Gain = –1, RL = 1kΩ
0.6
✻
µs
0.01%
CL = 500pF, 10V Step
1.0
µs
RATED OUTPUT
Voltage Output
RL = 1kΩ±11.5
+12.9,
±11
✻
V
–13.8
Current Output
VO = ±10VDC
±15
±20
✻✻
mA
Output Resistance
1MHz, Open Loop
80
✻
Ω
Load Capacitance Stability
Gain = +1
1500
✻
pF
Short-Circuit Current
±30
±50
±25
✻
mA
POWER SUPPLY
Rated Voltage
±15
✻
VDC
Voltage Range, Derated Performance
±5
±18
✻✻
VDC
Current, Quiescent
IO = 0mADC
3
4
✻✻
mA
Over Specified Temperature
3.5
4.5
✻✻
mA
TEMPERATURE RANGE
Specification
Ambient Temperature
–25
+85
✻✻
°C
Operating:
P, U Packages
–25
+85
✻✻
°C
Storage:
P, U Packages
–40
+125
✻✻
°C
θ
JA
200
✻
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com