Electronic Components Datasheet Search
  English  ▼

X  

OPA602AP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA602AP
Description  High-Speed Precision Difet OPERATIONAL AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA602AP Datasheet(HTML) 2 Page - Texas Instruments

  OPA602AP Datasheet HTML 1Page - Texas Instruments OPA602AP Datasheet HTML 2Page - Texas Instruments OPA602AP Datasheet HTML 3Page - Texas Instruments OPA602AP Datasheet HTML 4Page - Texas Instruments OPA602AP Datasheet HTML 5Page - Texas Instruments OPA602AP Datasheet HTML 6Page - Texas Instruments OPA602AP Datasheet HTML 7Page - Texas Instruments OPA602AP Datasheet HTML 8Page - Texas Instruments OPA602AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
OPA602
2
SBOS155A
www.ti.com
Supply Voltage ...............................................................................
±18V
DC
Internal Power Dissipation (TJ ≤ +175°C) .................................... 1000mW
Differential Input Voltage .............................................................. Total VS
Input Voltage Range ............................................................................
±V
S
Storage Temperature Range
P and U Packages ....................................................... –40
°C to +125°C
Operating Temperature Range
P and U Packages ........................................................ –25
°C to + 85°C
Lead Temperature
U Package, SO (3s) .................................................................... +260
°C
Output Short-Circuit to Ground (+25
°C) ................................... Continuous
Junction Temperature .................................................................... +175
°C
NOTE: (1) Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
OFFSET
SPECIFIED
VOLTAGE MAX
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
(
µV) AT 25°C
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
OPA602AP
±2000
DIP-8
P
–25
°C to +85°C
602AP
602AP
Tubes, 50
OPA602BP
±1000
""
"
602BP
602BP
Tubes, 50
OPA602AU
±3000
SO-8
D
–25
°C to +85°C
602AU
602AU
Tubes, 100
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.
PACKAGE/ORDERING INFORMATION
ABSOLUTE MAXIMUM RATINGS(1)
PIN CONFIGURATIONS
Top View
DIP, SO
8
7
5
6
+V
S
Output
Offset Trim
NC
DIP-8
1
2
4
3
–In
+In
–V
S
Offset Trim
1
2
3
4
8
7
6
5
NC
+V
S
Output
Offset Trim
Offset Trim
–In
+In
–V
S
SO-8
NC = No Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com