Electronic Components Datasheet Search
  English  ▼

X  

HT9252 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT9252
Description  Low Voltage Operational Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9252 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT9252 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9252 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9252 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9252 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9252 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9252 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9252 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9252 Datasheet HTML 9Page - Holtek Semiconductor Inc HT9252 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Rev. 1.00
6
December 14, 2012
HT9251/HT9252/HT9254
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Power Supply Voltage (V)
TA= -40℃
TA= 25℃
TA= 85℃
Fig 6. Quiescent Current vs. Power Supply Voltage
0.10
0.20
0.30
0.40
0.50
0.60
-40
-15
10
35
60
85
Ambient Temperature (℃)
VDD=1.8V, Falling Edge
VDD=1.8V, Rising Edge
VDD=5.0V, Falling Edge
VDD=5.0V, Rising Edge
Fig 7. Slew Rate vs. Temperature
-50
-35
-20
-5
10
25
40
55
70
85
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Power Supply Voltage (V)
TA= -40℃
TA= 25℃
TA= 85℃
TA= -40℃
TA= 25℃
TA= 85℃
Fig 8. Output Short-Circuit Current vs. Power
Supply Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Common Mode Input Voltage (V)
TA= -40℃
TA= 25℃
TA= 85℃
Fig 9. Input Offset Voltage vs. Common Mode Input
Voltage at VDD=5.0V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Common Mode Input Voltage (V)
TA= -40℃
TA= 25℃
TA= 85℃
Fig 10. Input Offset Voltage vs. Common Mode
Input Voltage at VDD=1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com