Electronic Components Datasheet Search
  English  ▼

X  

HT9252 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT9252
Description  Low Voltage Operational Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9252 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT9252 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9252 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9252 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9252 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9252 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9252 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9252 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9252 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9252 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Rev. 1.00
1
December 14, 2012
Rev. 1.00
PB
December 14, 2012
HT9251/HT9252/HT9254
Low Voltage Operational Amplifiers
Features
• Supplyvoltagerangefrom1.8Vto5.5V
• SupplyCurrent:50μA/amplifier-typical
• Rail-to-RailInput/Output
• GainBandwidth:550kHz-typical
• AvailableinSingle,DualandQuadversions
• Rangeofpackagetypes
Applications
• AutomotiveApplications
• PortableEquipment
• PhotodiodeAmplifiers
• AnalogFilters
• BatteryPoweredSystems
Selection Table
Device
Op-Amps
Package
HT9251
Single
SOT23-5
HT9252
Dual
8DIP/SOP
HT9254
Quad
14DIP/SOP
General Description
TheHT9251/HT9252/HT9254familyofoperational
amplifiersofferthebenefitsofoperatingwithasingle
supplyvoltageaslowas1.8Vandwithasupply
currentof50μA/amplifier.Thedevicesalsoprovidefull
rail-to-railinputandoutputoperation.Thedevicerange
hasagainbandwidthproductof550kHzandisunity
gainstable.Availableinsinge,dualandquadversions,
alongwitharangeofpackagetypes,thisrangeofLow
VoltageOperationalAmplifierswillfindexcellentuse
inawiderangeofapplicationsforportabledevicesand
batterypoweredequipment.
Block Diagram
1O UT
1I N-
1I N+
VD D
2I N+
2I N-
2O UT
4O UT
4I N-
4I N+
VS S
3I N+
3I N-
3O UT
Pin Assignment
14
13
12
11
10
9
8
1
2
3
4
5
6
7
1
23
4
5
VD D
IN -
IN +
VS S
OU T
HT 9251
SO T 23- 5- A
1
2
3
4
8
7
6
5
1O UT
1I N-
1I N+
VS S
VD D
2O UT
2I N-
2I N+
HT 9252
8 DI P- A/ SO P- A
1O UT
1I N-
1I N+
VD D
2I N+
2I N-
2O UT
4O UT
4I N-
4I N+
VS S
3I N+
3I N-
3O UT
HT 9254
14 DI P- A/ SO P- A


Similar Part No. - HT9252

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9200 HOLTEK-HT9200 Datasheet
282Kb / 8P
DTMF Generators
21st Aug 98
HT9200A HOLTEK-HT9200A Datasheet
282Kb / 8P
DTMF Generators
21st Aug 98
HT9200A HOLTEK-HT9200A Datasheet
139Kb / 14P
DTMF Generators
August 30, 2004
logo
SYC Electronica
HT9200A SYC-HT9200A Datasheet
235Kb / 8P
DTMF Generators
logo
Holtek Semiconductor In...
HT9200A HOLTEK-HT9200A_04 Datasheet
139Kb / 14P
DTMF Generators
August 30, 2004
More results

Similar Description - HT9252

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2322 TI-TLV2322 Datasheet
502Kb / 33P
LinCMOSE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
TLV2361 TI-TLV2361 Datasheet
274Kb / 17P
HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
logo
Rohm
BU7261G ROHM-BU7261G Datasheet
721Kb / 33P
Low Voltage Operation CMOS Operational Amplifiers
BA8522RF ROHM-BA8522RF Datasheet
171Kb / 5P
LOW OFFSET VOLTAGE DUAL OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8517 AD-AD8517_15 Datasheet
161Kb / 12P
Low Voltage Operational Amplifiers
REV. B
AD8527 AD-AD8527_15 Datasheet
161Kb / 12P
Low Voltage Operational Amplifiers
REV. B
logo
Unisonic Technologies
MC33272 UTC-MC33272 Datasheet
165Kb / 6P
VOLTAGE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2361 TI1-TLV2361_16 Datasheet
1Mb / 23P
HIGH-PERFORMANCE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
LM2902LV TI1-LM2902LV Datasheet
1Mb / 34P
Industry Standard, Low Voltage Operational Amplifiers
LM2902LV TI1-LM2902LV_19 Datasheet
2Mb / 40P
Industry Standard, Low Voltage Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com